Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8816 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8816
Description  DRV8816 DMOS Dual 1/2-H-Bridge Motor Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8816 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8816_15 Datasheet HTML 4Page - Texas Instruments DRV8816_15 Datasheet HTML 5Page - Texas Instruments DRV8816_15 Datasheet HTML 6Page - Texas Instruments DRV8816_15 Datasheet HTML 7Page - Texas Instruments DRV8816_15 Datasheet HTML 8Page - Texas Instruments DRV8816_15 Datasheet HTML 9Page - Texas Instruments DRV8816_15 Datasheet HTML 10Page - Texas Instruments DRV8816_15 Datasheet HTML 11Page - Texas Instruments DRV8816_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Outputs
Power
0.1µF
Charge
Pump
OUT1
VBB
Pre-
driver
VCP
OUT2
VBB
Pre-
driver
VCP
BDC
VCP
CP1
CP2
VBB
0.1µF
0.1µF
bulk
SENSE
VPROPI
GND
GND
PPAD
VCP
VBB
Regulators
RVPROPI
RSENSE
IN1
IN2
EN1
EN2
nSLEEP
nFAULT
Core
Logic
Protection
Temperature
Sensor
Overcurrent
Monitoring
Voltage
Monitoring
Inputs
VMCU
5
x
DRV8816
SLRS063B – SEPTEMBER 2013 – REVISED OCTOBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The DRV8816 uses 4 CMOS inputs to control 2 high-voltage high-current outputs, while integrating protection
features, fault reporting, a sleep mode, and current sensing. EN1 and IN1 control OUT1, and EN2 and IN2
control OUT2, according to Table 2. The device is designed to drive two independent loads or one brushed DC
motor, as shown in Figure 4 and Table 3.
When an RSENSE resistor is used, the DRV8816 will automatically disable itself if VSENSE exceeds 500mV—this
provides a user-programmable overcurrent threshold. The VPROPI output equals the sense voltage amplified by
a factor of 5, and it can be used by a microcontroller to know the motor current, in order to Pulse-Width Modulate
the DRV8816 inputs and regulate motor current.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Bridge Control
The DRV8816 is controlled using separate enable and input pins for each ½-H-bridge.
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: DRV8816


Similar Part No. - DRV8816_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8816 TI1-DRV8816_15 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
More results

Similar Description - DRV8816_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8816 TI1-DRV8816 Datasheet
861Kb / 17P
[Old version datasheet]   DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816 TI1-DRV8816_15 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
DRV8816PWPR TI1-DRV8816PWPR Datasheet
836Kb / 17P
[Old version datasheet]   DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
logo
Allegro MicroSystems
2993 ALLEGRO-2993 Datasheet
116Kb / 8P
   DUAL H-BRIDGE MOTOR DRIVERS
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com