Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8801A-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8801A-Q1
Description  DRV8801A-Q1 DMOS Full-Bridge Motor Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8801A-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8801A-Q1_15 Datasheet HTML 4Page - Texas Instruments DRV8801A-Q1_15 Datasheet HTML 5Page - Texas Instruments DRV8801A-Q1_15 Datasheet HTML 6Page - Texas Instruments DRV8801A-Q1_15 Datasheet HTML 7Page - Texas Instruments DRV8801A-Q1_15 Datasheet HTML 8Page - Texas Instruments DRV8801A-Q1_15 Datasheet HTML 9Page - Texas Instruments DRV8801A-Q1_15 Datasheet HTML 10Page - Texas Instruments DRV8801A-Q1_15 Datasheet HTML 11Page - Texas Instruments DRV8801A-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
VBB
OUTA
Pre-
drive
VBB
OUTB
Pre-
Drive
SENSE
R(SENSE)
VBB
VCP
CP2
CP1
Charge Pump
0.1 µF
+
0.1 µF
0.1 µF
VPROPI
R(VPROPI)
BDC
Logic
x5
IN2
EN1
EN2
nSLEEP
nFAULT
VCC
IN1
VCC
PPAD
GND
GND
Temperature
Sensor
Undervoltage
V(VCP)
V(VCP)
Regulators
DRV8801A-Q1
SLVSC79A – JUNE 2014 – REVISED SEPTEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The DRV8801A-Q1 device is an integrated motor driver solutions for brushed-DC motors. The device integrates
a DMOS H-bridge and current sense and protection circuitry. The device can be powered with a supply voltage
between 6.5 V and 36 V, and is capable of providing an output current up to 2.8-A peak.
A simple PHASE and ENABLE interface allows control of the motor speed and direction.
A shunt amplifier output is provided for accurate current measurements by the system controller. The VPROPI
pin outputs a voltage that is five-times the voltage seen at the SENSE pin.
A low-power sleep mode is included which allows the system to save power when not driving the motor.
7.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DRV8801A-Q1


Similar Part No. - DRV8801A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
More results

Similar Description - DRV8801A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
logo
Allegro MicroSystems
A4953ELJTR-T ALLEGRO-A4953ELJTR-T Datasheet
299Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
[Old version datasheet]   DRV880x DMOS Full-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com