Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8308 Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV8308
Description  DRV8308 Brushless DC Motor Controller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8308 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8308_15 Datasheet HTML 5Page - Texas Instruments DRV8308_15 Datasheet HTML 6Page - Texas Instruments DRV8308_15 Datasheet HTML 7Page - Texas Instruments DRV8308_15 Datasheet HTML 8Page - Texas Instruments DRV8308_15 Datasheet HTML 9Page - Texas Instruments DRV8308_15 Datasheet HTML 10Page - Texas Instruments DRV8308_15 Datasheet HTML 11Page - Texas Instruments DRV8308_15 Datasheet HTML 12Page - Texas Instruments DRV8308_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
DRV8308
www.ti.com
SLVSCF7A – FEBRUARY 2014 – REVISED OCTOBER 2014
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MOSFET DRIVERS
VOUTH
High-side gate drive output voltage
IO = 100 μA, VM ≥ 12V
VM + 10
V
VOUTL
Low-side gate drive output voltage
IO = 100 μA
10
V
IDRIVE = 000
10
IDRIVE = 001
20
IDRIVE = 010
30
IDRIVE = 011
50
IOUT
Peak gate drive current
mA
IDRIVE = 100
90
IDRIVE = 101
100
IDRIVE = 110
110
IDRIVE = 111
130
CYCLE-BY-CYCLE CURRENT LIMITER
Voltage limit across RISENSE for the current
VLIMITER
0.225
0.25
0.275
V
limiter
OCPDEG = 00
2
OCPDEG = 01
3
Time that VLIMITER is ignored, from the start of
tBLANK
µs
the PWM cycle
OCPDEG = 10
3.75
OCPDEG = 11
6
PROTECTION CIRCUITS
Voltage limit across RISENSE for overcurrent
VSENSEOCP
1.7
1.8
1.9
V
protection
OCPTH = 00
200
250
400
OCPTH = 01
400
500
600
Voltage limit across each external FET’s drain
VFETOCP
mV
to source for overcurrent protection
OCPTH = 10
600
750
850
OCPTH = 11
850
1000
1200
OCPDEG = 00
1.6
OCPDEG = 01
2.3
Deglitch time for VSENSEOCP or VFETOCP to
tOCP
µs
trigger
OCPDEG = 10
3
OCPDEG = 11
5
VM rising
8
VUVLO
VM undervoltage lockout
V
VM falling
7.8
VM rising, OVTH = 0
32
34.5
36
VOVLO
VM overvoltage lockout
V
VM rising, OVTH = 1
28
29
tRETRY
Fault retry time after RLOCK or OTS
RETRY = 1
5
s
TTSD
Thermal shutdown die temperature
150
160
°C
LRTIME = 00
1
LRTIME = 01
3
tLOCK
Locked rotor detect time
s
LRTIME = 10
5
LRTIME = 11
10
VCPFAIL
VCP failure threshold (CPFAIL bit)
VM + 3
V
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV8308


Similar Part No. - DRV8308_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8300 TI-DRV8300 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
DRV8300 TI-DRV8300 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
DRV8300 TI-DRV8300 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
DRV8300-Q1 TI-DRV8300-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
DRV8300D TI-DRV8300D Datasheet
1Mb / 25P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results

Similar Description - DRV8308_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com