Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR2421-QEG Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHR2421-QEG
Description  23.75-24.5GHz Dual Rx Channel
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2421-QEG Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHR2421-QEG Datasheet HTML 2Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 3Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 9Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CHR2421-QEG
23.75-24.5GHz Dual Rx Channel
Ref. : DSCHR2421-QEG2031 - 31 Jan 12
10/10
Specifications subject to change without notice
10 Avenue du Québec, SILIC 521 - 91946 COURTABOEUF Cedex - FRANCE
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Recommended package footprint
Refer to the application note AN0017 available at http://www.ums-gaas.com for package foot
print recommendations.
SMD mounting procedure
For the mounting process standard techniques involving solder paste and a suitable reflow
process can be used. For further details, see application note AN0017.
Recommended environmental management
UMS products are compliant with the regulation in particular with the directives RoHS
N°2011/65 and REACh N°1907/2006. More environmental data are available in the
application note AN0019 also available at http://www.ums-gaas.com.
Recommended ESD management
Refer to the application note AN0020 available at http://www.ums-gaas.com for ESD
sensitivity and handling recommendations for the UMS package products.
Ordering Information
QFN 4x5 RoHS compliant package:
CHR2421-QEG/XY
Stick: XY = 20
Tape & reel: XY = 21
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors
S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use
as critical components in life support devices or systems without express written approval from United
Monolithic Semiconductors S.A.S.


Similar Part No. - CHR2421-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2421-QEG UMS-CHR2421-QEG Datasheet
711Kb / 10P
   23.75-24.5GHz Dual Rx Channel
CHR2421-QEG20 UMS-CHR2421-QEG20 Datasheet
711Kb / 10P
   23.75-24.5GHz Dual Rx Channel
CHR2421-QEG21 UMS-CHR2421-QEG21 Datasheet
711Kb / 10P
   23.75-24.5GHz Dual Rx Channel
More results

Similar Description - CHR2421-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2421-QEG UMS-CHR2421-QEG Datasheet
711Kb / 10P
   23.75-24.5GHz Dual Rx Channel
CHR2411-QDG UMS-CHR2411-QDG Datasheet
646Kb / 8P
   22-24.5GHz RX Multifunction
CHR2411-QDG UMS-CHR2411-QDG_13 Datasheet
587Kb / 10P
   22-24.5GHz RX Multifunction
CHR2411-QDG UMS-CHR2411-QDG_15 Datasheet
598Kb / 10P
   22-24.5GHz RX Multifunction
CHV2421-QDG UMS-CHV2421-QDG_15 Datasheet
948Kb / 12P
   24-24.5GHz Tx Multifunction
logo
Radiometrix Ltd
ENR1 RADIOMETRIX-ENR1 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
ENT1 RADIOMETRIX-ENT1_14 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
logo
Maxim Integrated Produc...
DS1877 MAXIM-DS1877 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
Rev 1; 4/10
DS1877 MAXIM-DS1877_V01 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
19-5188; Rev 1; 4/10
logo
Abracon Corporation
AWCCA-RX350300-101 ABRACON-AWCCA-RX350300-101 Datasheet
434Kb / 3P
   20W RX DUAL MODE WIRELESS CHARGING COIL
09/02/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com