Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9110 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9110
Description  Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9110 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9110 Datasheet HTML 1Page - Maxim Integrated Products MAX9110 Datasheet HTML 2Page - Maxim Integrated Products MAX9110 Datasheet HTML 3Page - Maxim Integrated Products MAX9110 Datasheet HTML 4Page - Maxim Integrated Products MAX9110 Datasheet HTML 5Page - Maxim Integrated Products MAX9110 Datasheet HTML 6Page - Maxim Integrated Products MAX9110 Datasheet HTML 7Page - Maxim Integrated Products MAX9110 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX9110/MAX9112 single/dual low-voltage differ-
ential signaling (LVDS) transmitters are designed for
high-speed applications requiring minimum power con-
sumption, space, and noise. Both devices support
switching rates exceeding 500Mbps while operating
from a single +3.3V supply, and feature ultra-low 250ps
(max) pulse skew required for high-resolution imaging
applications, such as laser printers and digital copiers.
The MAX9110 is a single LVDS transmitter, and the
MAX9112 is a dual LVDS transmitter.
Both devices conform to the EIA/TIA-644 LVDS standard.
They accept LVTTL/CMOS inputs and translate them to
low-voltage (350mV) differential outputs, minimizing elec-
tromagnetic interference (EMI) and power dissipation.
These devices use a current-steering output stage, mini-
mizing power consumption, even at high data rates. The
MAX9110/MAX9112 are available in space-saving 8-pin
SOT23 and SO packages. Refer to the MAX9111/
MAX9113 data sheet for single/dual LVDS line receivers.
________________________Applications
Features
o Low 250ps (max) Pulse Skew for High-Resolution
Imaging and High-Speed Interconnect
o Space-Saving 8-Pin SOT23 and SO Packages
o Pin-Compatible Upgrades to DS90LV017/017A
and DS90LV027/027A (SO Packages)
o Guaranteed 500Mbps Data Rate
o Low 22mW Power Dissipation at 3.3V
(31mW for MAX9112)
o Conform to EIA/TIA-644 Standard
o Single +3.3V Supply
o Flow-Through Pinout Simplifies PC Board Layout
o Driver Outputs High Impedance when Powered Off
Single/Dual LVDS Line Drivers with
Ultra-Low Pulse Skew in SOT23
________________________________________________________________ Maxim Integrated Products
1
N.C.
N.C.
GND
1
2
8
7
DO-
DO+
DIN
N.C.
VCC
SO
TOP VIEW
3
4
6
5
N.C.
N.C.
VCC
1
2
8
7
DO-
DO+
GND
N.C.
DIN
SOT23
3
4
6
5
DO2+
DO2-
GND
1
2
8
7
DO1-
DO1+
DIN1
DIN2
VCC
SO
3
4
6
5
DO2+
DO2-
VCC
1
2
8
7
DO1-
DO1+
GND
DIN2
DIN1
SOT23
3
4
6
5
MAX9112
MAX9112
MAX9110
MAX9110
H = LOGIC LEVEL HIGH
L = LOGIC LEVEL LOW
X = UNDETERMINED
DIN_
L
H
0.8V < VDIN_ < 2.0V
DO_+
L
H
DO_-
H
L
X
X
Pin Configurations/Functional Diagrams/Truth Table
19-1771; Rev 0; 9/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Ordering Information
PART
TEMP.
RANGE
PIN-
PACKAGE
TOP
MARK
MAX9110EKA-T
-40°C to +85°C
8 SOT23-8
AADN
MAX9110ESA
-40°C to +85°C
8 SO
MAX9112EKA-T
-40°C to +85°C
8 SOT23-8
AADO
MAX9112ESA
-40°C to +85°C
8 SO
Laser Printers
Digital Copiers
Cellular Phone Base
Stations
Telecom Switching
Equipment
Network Switches/Routers
LCD Displays
Backplane Interconnect
Clock Distribution
Typical Operating Circuit appears at end of data sheet.


Similar Part No. - MAX9110

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9110 MAXIM-MAX9110 Datasheet
1Mb / 9P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
19-1771; Rev 1; 9/19
MAX9110EKA+T MAXIM-MAX9110EKA+T Datasheet
1Mb / 9P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
19-1771; Rev 1; 9/19
MAX9110EKA-T MAXIM-MAX9110EKA-T Datasheet
161Kb / 8P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 9/00
MAX9110EKA-T MAXIM-MAX9110EKA-T Datasheet
1Mb / 9P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
19-1771; Rev 1; 9/19
MAX9110ESA MAXIM-MAX9110ESA Datasheet
161Kb / 8P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 9/00
More results

Similar Description - MAX9110

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9112EKAT MAXIM-MAX9112EKAT Datasheet
161Kb / 8P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 9/00
MAX9110 MAXIM-MAX9110_V01 Datasheet
1Mb / 9P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
19-1771; Rev 1; 9/19
MAX9111 MAXIM-MAX9111 Datasheet
183Kb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 7/00
MAX9111 MAXIM-MAX9111_V01 Datasheet
1Mb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
MAX9111 MAXIM-MAX9111_09 Datasheet
116Kb / 10P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
MAX9171 MAXIM-MAX9171 Datasheet
185Kb / 11P
   SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
   LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
logo
Micrel Semiconductor
MIC863 MICREL-MIC863 Datasheet
1Mb / 16P
   Dual Ultra Low Power Op Amp in SOT23-8
MIC863 MICREL-MIC863_11 Datasheet
1Mb / 16P
   Dual Ultra Low Power Op Amp in SOT23-8
MIC862 MICREL-MIC862_06 Datasheet
2Mb / 12P
   Dual Ultra Low Power Op Amp in SOT23-8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com