Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHE1260-QAG Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHE1260-QAG
Description  10-27GHz Bidirectionnal Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHE1260-QAG Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHE1260-QAG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHE1260-QAG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHE1260-QAG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHE1260-QAG_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHE1260-QAG_15 Datasheet HTML 10Page - United Monolithic Semiconductors CHE1260-QAG_15 Datasheet HTML 11Page - United Monolithic Semiconductors CHE1260-QAG_15 Datasheet HTML 12Page - United Monolithic Semiconductors CHE1260-QAG_15 Datasheet HTML 13Page - United Monolithic Semiconductors CHE1260-QAG_15 Datasheet HTML 14Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
10-27GHz Detector
CHE1260-QAG
Ref. : DSCHE1260QAG0200 - 19 Jul 10
11/14
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Definition of the Sij reference planes
The reference planes used for Sij
measurements
given
above
are
symmetrical from the symmetrical axis
of the package (see drawing beside).
The input and output reference planes
are located at 2.65mm offset (input
wise and output wise respectively)
from this axis. Then, the given Sij
parameters
incorporate
the
recommended
land
pattern
of
the
evaluation motherboard .
Recommended package footprint
Refer to the application note AN0017 available at http://www.ums-gaas.com for
package foot print recommendations and exact package dimensions.
SMD mounting procedure
The SMD leadless package has been designed for high volume surface mount PCB
assembly process. The dimensions and footprint required for the PCB (motherboard)
are given in the drawings above.
For the mounting process standard techniques involving solder paste and a suitable
reflow process can be used. For further details, see application note AN0017.
Recommended environmental management
Refer to the application note AN0019 available at http://www.ums-gaas.com for
environmental data on UMS package products.
Recommended ESD management
Refer to the application note AN0020 available at http://www.ums-gaas.com for ESD
sensitivity and handling recommendations for the UMS package products.


Similar Part No. - CHE1260-QAG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHE1260-QAG21 UMS-CHE1260-QAG21 Datasheet
701Kb / 14P
   10-27GHz Bidirectionnal Detector
CHE1260-QAG UMS-CHE1260-QAG_10 Datasheet
701Kb / 14P
   10-27GHz Bidirectionnal Detector
More results

Similar Description - CHE1260-QAG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHE1260 UMS-CHE1260 Datasheet
704Kb / 8P
   10-27GHz Bidirectionnal Detector
CHE1260 UMS-CHE1260_15 Datasheet
585Kb / 10P
   10-27GHz Bidirectionnal Detector
CHE1260-QAG UMS-CHE1260-QAG_10 Datasheet
701Kb / 14P
   10-27GHz Bidirectionnal Detector
CHE1260-QAG UMS-CHE1260-QAG Datasheet
785Kb / 10P
   12-27GHz Bidirectionnal Detector
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
VGA-P014458-QGG UMS-VGA-P014458-QGG Datasheet
723Kb / 16P
   17-27GHz Variable Gain Amplifier
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
logo
Sensortechnics GmbH
50190401 SENSORTECHNICS-50190401 Datasheet
226Kb / 2P
   10 mm짼 PIN detector
logo
United Monolithic Semic...
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG Datasheet
775Kb / 22P
   17-27GHz Down-Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com