Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CHC3014-99F Datasheet(PDF) 14 Page - United Monolithic Semiconductors

Part No. CHC3014-99F
Description  X-band Core Chip
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UMS [United Monolithic Semiconductors]
Homepage  http://www.ums-gaas.com
Logo 

CHC3014-99F Datasheet(HTML) 14 Page - United Monolithic Semiconductors

Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
CHC3014-99F
X-band Core Chip
Ref. : DSCHC3014-0293 - 20 Sep 10
14/20
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Mechanical data
1
2 3 4 5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
27 26 25
4 900
4 700
4 500
4 235
4 065
3 895
3 725
3 555
3 385
3 215
3 045
2 875
2 705
2 535
2 365
2 195
2 025
1 855
1 685
1 515
1 345
1 175
1 005
835
570
370
170
000
4 470
4 965
105
2 335
2 535
2 735
1
2 3 4 5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
27 26 25
4 900
4 700
4 500
4 235
4 065
3 895
3 725
3 555
3 385
3 215
3 045
2 875
2 705
2 535
2 365
2 195
2 025
1 855
1 685
1 515
1 345
1 175
1 005
835
570
370
170
000
4 470
4 965
105
2 335
2 535
2 735
24
1
2 3 4 5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
27 26 25
4 900
4 700
4 500
4 235
4 065
3 895
3 725
3 555
3 385
3 215
3 045
2 875
2 705
2 535
2 365
2 195
2 025
1 855
1 685
1 515
1 345
1 175
1 005
835
570
370
170
000
4 470
4 965
105
2 335
2 535
2 735
1
2 3 4 5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
27 26 25
4 900
4 700
4 500
4 235
4 065
3 895
3 725
3 555
3 385
3 215
3 045
2 875
2 705
2 535
2 365
2 195
2 025
1 855
1 685
1 515
1 345
1 175
1 005
835
570
370
170
000
4 470
4 965
105
2 335
2 535
2 735
24
Chip thickness = 100µm +/- 10µm.
RF pads (1, 6, 24) = 122 x 200µm²
DC and control pads (2, 3, 4, 5, 7 to 23, 25, 26, 27) = 120 x 100µm²
Pin
number
Pad
name
Description
Pin
number
Pad
name
Description
1
IO
Input/Output RF: RXout. TXin
15
-5
-5V supply voltage: interface
2
+5R
+5V supply voltage Amp. 3
16
SA
Switch bit 1
3
+5
+5V supply voltage : interface
17
SB
Switch bit 2
4
-5
-5V supply voltage
18
P1
Phase shifter bit 1
5
+5T
+5V supply voltage Amp. 4
19
P2
Phase shifter bit 2
6
TX
Output RF: TXout
20
P3
Phase shifter bit 3
7
C1
Coarse attenuator bit 1
21
P4
Phase shifter bit 4
8
C2
Coarse attenuator bit 2
22
P5
Phase shifter bit 5
9
A1
Attenuator bit 1
23
P6
Phase shifter bit 6
10
A2
Attenuator bit 2
24
Rx
Input RF: RXin
11
A3
Attenuator bit 3
25
+5R
+5V supply voltage Amp. 1
12
A4
Attenuator bit 4
26
-5
-5V supply voltage
13
A5
Attenuator bit 5
27
+5
+5V supply voltage Amp. 2
14
A6
Attenuator bit 6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn