Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CHC3014-99F Datasheet(PDF) 12 Page - United Monolithic Semiconductors

Part No. CHC3014-99F
Description  X-band Core Chip
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UMS [United Monolithic Semiconductors]
Homepage  http://www.ums-gaas.com
Logo 

CHC3014-99F Datasheet(HTML) 12 Page - United Monolithic Semiconductors

Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
CHC3014-99F
X-band Core Chip
Ref. : DSCHC3014-0293 - 20 Sep 10
12/20
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical on wafer Measurements
Tamb.= +25°C
Tuning Attenuator performances
Rx mode
Tuning attenuation error vs. freq.
Fine attenuator state 0, Phase shifter state 0
Attenuation states 0–1–2-3
Tuning attenuation error vs. attenuation state
Fine attenuator state 0, Phase shifter state 0
Tuning attenuation vs. tuning atten. state at 10GHz
Fine attenuator state 0, Phase shifter state 0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn