Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CHC3014-99F Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part No. CHC3014-99F
Description  X-band Core Chip
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UMS [United Monolithic Semiconductors]
Homepage  http://www.ums-gaas.com
Logo 

CHC3014-99F Datasheet(HTML) 1 Page - United Monolithic Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CHC3014-99F
RoHS COMPLIANT
Ref. : DSCHC3014-0293 - 20 Sep 10
1/20
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - BP46 - 91401 Orsay Cedex France
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
X-band Core Chip
GaAs Monolithic Microwave IC
Description
The
CHC3014-99F
is
a
Receive
and
Transmit X band Core Chip.
It includes a 6 bit phase shifter, a 6 bit
attenuator, a second 2 bit attenuator for
tuning, self-biased buffers, switch and TTL
compatible parallel interfaces.
This device is manufactured 0.25µm pHEMT
process, including via holes through the
substrate.
It is available in chip form.
Main Features
■ Operating frequency range: 8 -12GHz
■ Receive path linear gain: 13.5dB
■ Transmit path linear gain: 25dB
■ Phase shift range: 0-360°(step 5.625°)
■ Fine attenuator: 34.65dB (step 0.55dB)
■ Tuning attenuator: 6dB (step 2dB)
■ Chip size: 4.47 x 5.07 x 0.1mm
Main Characteristics
Tamb.= +25°C, V+ = 5V / V- = -5V
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency range
8
12
GHz
Rms_pe
RMS phase error
2
°
Rms_att
RMS attenuation error
0.3
dB
P-1dB Rx
Output power at RxOUT @1dB gain comp.
16.5
dBm
Psat Tx
Output power at TxOUT at saturation
20
dBm
NF
Noise figure in Rx mode
5.8
dB
ESD Protection: Electrostatic discharge sensitive device. Observe handling precautions!


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn