Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CHC3014-99F Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part No. CHC3014-99F
Description  X-band Core Chip
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UMS [United Monolithic Semiconductors]
Homepage  http://www.ums-gaas.com
Logo 

CHC3014-99F Datasheet(HTML) 5 Page - United Monolithic Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
X-band Core Chip
CHC3014-99F
Ref. : DSCHC3014-0293 - 20 Sep 10
5/20
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
RMS Attenuation Error (Rms_att)
Rms_att =
+
=
63
0
2
)
_
)
,
(
_
1
(
.
64
1
1
log
20
i
lin
j
i
err
Att
(dB)
RMS Phase variation (Rms_Phivar)
Rms_Phivar =
64
))
,
var(
(
63
0
2
=
j
j
i
Phi
(°)
Absolute Maximum Ratings
Tamb.= +25°C
(1)
Symbol
Parameter
Values
Unit
V+
Maximum positive bias voltage
6
V
V-
Negative voltage range
-6 to -4
V
P_RFRX
Maximum peak input power overdrive in Rx mode
16
dBm
P_RFTX
Maximum peak input power overdrive in Tx mode
16
dBm
Ai
CTRL voltage (TI_low, TI_high)
-2, +8
V
Tch
Maximum channel temperature
(2)
175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.
(2) Thermal Resistance channel to ground paddle = 40°C /W for T= +85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn