Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CHC3014-99F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part No. CHC3014-99F
Description  X-band Core Chip
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UMS [United Monolithic Semiconductors]
Homepage  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHC3014-99F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHC3014-99F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
X-band Core Chip
CHC3014-99F
Ref. : DSCHC3014-0293 - 20 Sep 10
3/20
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Main Characteristics (2/2)
Tamb.= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
6 bit Fine Attenuator
(4)
34.65
dB
Fine Attenuator elementary step
0.55
dB
Att_erratt
Attenuation error
(Rx, all phase shifter states
tuning attenuator state 1)
Attenuation state 0-32
Attenuation state 33-47
Attenuation state 48-63
0 ± 0.5
-0.25 ± 0.75
-0.5 ± 1.5
dB
Rms_att
RMS attenuation error
(Rx, all phase shifter states
tuning attenuator state 1)
0.3
dB
Phi_varatt
Phase variation
(Rx, all phase shifter states
tuning attenuator state 1)
Attenuation state 0-32
Attenuation state 33-47
Attenuation state 48-63
0 ± 3
-1 ± 5
-4 ± 6
°
Rms_Phi
var
RMS Phase variation
(Rx, all phase shifter states
tuning attenuator state 1)
2
°
2 bit Tuning Attenuator
(5)
6
dB
Tuning Attenuator elementary step
2
dB
Att_ErrTB
Tuning attenuation error
± 0.3
dB
Phi_varTB
Phase variation of tuning attenuator
± 2
°
Biasing
(6)
V+
Positive supply voltage
5
V
V-
Negative supply voltage
-5
V
TI_Low
Control voltage low level
0
0.4
V
TI_High
Control voltage high level
2.4
+3.3 / +5
7.0
V
I_+5_Rx
Biasing current in RX mode
350
mA
I_+5_Tx
Biasing current in TX mode
350
(7)
470
(8)
mA
I_+5
interface
Control interface DC current
25
mA
I_-5
Negative DC current
-50
mA
(4) Low influence of cross-talking between phase shifter and fine attenuator
(5) This function allows to adjust roughly the linear gain
(6) Each Amplifiers of Rx and Tx paths can be switched off thanks to separate biasing
pads (c.f. pad allocation table)
(7) Tx linear mode
(8)
Tx saturated mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn