Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CHC3014-99F Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part No. CHC3014-99F
Description  X-band Core Chip
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UMS [United Monolithic Semiconductors]
Homepage  http://www.ums-gaas.com
Logo 

CHC3014-99F Datasheet(HTML) 2 Page - United Monolithic Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CHC3014-99F
X-band Core Chip
Ref. : DSCHC3014-0293 - 20 Sep 10
2/20
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Main Characteristics (1/2)
Tamb.= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Operating frequency
8
12
GHz
Mode Rx
Gl Rx
Linear gain in Rx mode at reference state
(1)
11.5
13.5
dB
S11 Rx
Input Return Loss in Rx mode
-14
dB
S22 Rx
Output Return Loss in Rx mode
-18
dB
NF
Noise figure in Rx mode
(2)
5.8
dB
P-1dB Rx
Output power at RxOUT at 1dB gain comp.
16.5
dBm
Mode Tx
Gl Tx
Linear gain in Tx mode at reference state
(1)
22
25
dB
S11 Tx
Input Return Loss in Tx mode
-14
dB
S22 Tx
Output Return Loss in Tx mode
-12
dB
PIN Tx
Input power range in Tx saturated mode
0
15
dBm
Psat Tx
Output power at TxOUT in saturated mode
20
dBm
Isolated Mode
(3)
S11ISO.
Return Loss at Rxin/Txout
-15
dB
6 bit Phase shifter
(4)
0-360
°
Phase shift elementary step
5.625
°
PPE
Peak phase error
(Rx, Tx, fine attenuator state < 33
tuning attenuator state 1)
8GHz-8.5GHz
8.5GHz-11.5GHz
11.5GHz-12GHz
4 ± 6
0 ± 6
4 ± 6
°
Rms_pe
RMS phase error
(Rx, Tx, fine attenuator state < 33
tuning attenuator state 1)
8GHz-8.5GHz
8.5GHz-11.5GHz
11.5GHz-12GHz
2.5
2
2.5
°
Ampvar
Amplitude variation
(Rx, Tx, fine attenuator state < 33
tuning attenuator state 1)
0 ± 1
dB
Rms
Ampvar
RMS Amplitude variation
(Rx, Tx, fine attenuator state < 33
tuning attenuator state 1)
0.3
dB
(1) Reference state: Tuning attenuator state = 1 / Fine attenuator state = 0 /
Phase shifter state = 0
(2) Noise Figure value for Tuning attenuator state = 0 / Fine attenuator state = 0 /
Phase shifter state = 0
(3) In this mode, the MFC presents a matched load on the RF access pad Rxin/Txout


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn