Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CHC3014-99F Datasheet(PDF) 17 Page - United Monolithic Semiconductors

Part No. CHC3014-99F
Description  X-band Core Chip
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UMS [United Monolithic Semiconductors]
Homepage  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHC3014-99F Datasheet(HTML) 17 Page - United Monolithic Semiconductors

Back Button CHC3014-99F_15 Datasheet HTML 12Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 13Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 14Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 15Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 16Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 17Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 18Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 19Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 20Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
X-band Core Chip
CHC3014-99F
Ref. : DSCHC3014-0293 - 20 Sep 10
17/20
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Operating mode
General Biasing conditions
Pin number
Pad name
Value
Pin number
Pad name
Value
2
+5R
+5V
15
-5
-5V
3
+5
+5V
16
SA
0 or 3.3V
4
-5
-5V
17
SB
0 or 3.3V
5
+5T
+5V
18
P1
0 or 3.3V
7
C1
0 or 3.3V
19
P2
0 or 3.3V
8
C2
0 or 3.3V
20
P3
0 or 3.3V
9
A1
0 or 3.3V
21
P4
0 or 3.3V
10
A2
0 or 3.3V
22
P5
0 or 3.3V
11
A3
0 or 3.3V
23
P6
0 or 3.3V
12
A4
0 or 3.3V
25
+5R
+5V
13
A5
0 or 3.3V
26
-5
-5V
14
A6
0 or 3.3V
27
+5
+5V
Switche control table
Voltage to apply on the pads SA SB:
SA
SB
Adaptative Isolation mode
3.3
3.3
RX path
3.3
0
TX path
0
3.3
Not used
0
0
Note: When the MFC is used in adaptative isolation mode, it presents a matched load to the
RF access pad RXin/TXout
Tuning attenuator control table
Voltages to apply on the pads C1 C2:
state
Att (dB)
C2
C1
0
0
0
0
1
2
0
3.3
2
4
3.3
0
3
6
3.3
3.3
Coarse bit control table


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn