Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA7115-99F Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA7115-99F
Description  X-band High Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7115-99F Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA7115-99F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA7115-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA7115-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA7115-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA7115-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA7115-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHA7115-99F
X-band High Power Amplifier
Ref DSCHA71151069 - 10 Mar 11
4/6
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Power added efficiency @ 4dBcomp versus frequency
Drain Current @ 4dBcomp versus frequency
24
26
28
30
32
34
36
38
40
42
44
46
8
8.5
9
9.5
10
10.5
11
11.5
12
Frequency (GHz)
0
0.5
1
1.5
2
2.5
3
3.5
4
8
8.5
9
9.5
10
10.5
11
11.5
12
Frequency (GHz)


Similar Part No. - CHA7115-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7115-99F00 UMS-CHA7115-99F00 Datasheet
141Kb / 6P
   X-band High Power Amplifier
More results

Similar Description - CHA7115-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114_10 Datasheet
183Kb / 8P
   X Band High Power Amplifier
CHA7215 UMS-CHA7215_15 Datasheet
209Kb / 8P
   X-band High Power Amplifier
CHA7114 UMS-CHA7114 Datasheet
281Kb / 8P
   X Band High Power Amplifier
CHA7114 UMS-CHA7114_15 Datasheet
194Kb / 8P
   X Band High Power Amplifier
CHA7115-99F UMS-CHA7115-99F Datasheet
141Kb / 6P
   X-band High Power Amplifier
CHA7215 UMS-CHA7215 Datasheet
198Kb / 8P
   X-band High Power Amplifier
CHA8610-99F UMS-CHA8610-99F Datasheet
457Kb / 18P
   15W X Band High Power Amplifier
CHA7012 UMS-CHA7012_15 Datasheet
408Kb / 10P
   X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012 Datasheet
567Kb / 10P
   X-band HBT High Power Amplifier
CHA8100 UMS-CHA8100 Datasheet
260Kb / 12P
   X-band HBT High Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com