Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA7114 Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA7114
Description  X Band High Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7114 Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CHA7114_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA7114_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA7114_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA7114_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA7114_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA7114_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA7114_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA7114_15 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CHA7114
X-band High Power Amplifier
Ref. : DSCHA7114-0197 - 16 Jul 10
6/8
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
1
2
3 4
5 6 7
8
9
10
11
12
13
14
15
16
1
2
3 4
5 6 7
8
9
10
11
12
13
14
15
16
Chip Mechanical Data and Pin references
Chip width and length are given with a tolerance of +/- 35µm
Chip thickness = 70µm +/- 10µm
HF pads (1, 10) = 118µm x 196µm
DC pads (3, 4, 5, 6, 7, 12, 13, 14, 15, 16) = 96µm x 96µm
DC pads (8, 11) = 186µm x 96 µm
Pin number
Pin name
Description
2, 9
Not Connected
3, 7, 12, 16
G1, G2
Not Connected
1
IN
Input RF port
4, 6, 13, 15
Vg1R, Vg2R
Vg: Negative supply voltage (through divided bridge
Network)
5, 8, 11, 14
Vd1, Vd2
Vd: Positive supply voltage
10
OUT
Output RF port


Similar Part No. - CHA7114_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114_10 Datasheet
183Kb / 8P
   X Band High Power Amplifier
More results

Similar Description - CHA7114_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114_10 Datasheet
183Kb / 8P
   X Band High Power Amplifier
CHA7215 UMS-CHA7215_15 Datasheet
209Kb / 8P
   X-band High Power Amplifier
CHA7115-99F UMS-CHA7115-99F_15 Datasheet
152Kb / 6P
   X-band High Power Amplifier
CHA7114 UMS-CHA7114 Datasheet
281Kb / 8P
   X Band High Power Amplifier
CHA7115-99F UMS-CHA7115-99F Datasheet
141Kb / 6P
   X-band High Power Amplifier
CHA7215 UMS-CHA7215 Datasheet
198Kb / 8P
   X-band High Power Amplifier
CHA8610-99F UMS-CHA8610-99F Datasheet
457Kb / 18P
   15W X Band High Power Amplifier
CHA7012 UMS-CHA7012_15 Datasheet
408Kb / 10P
   X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012 Datasheet
567Kb / 10P
   X-band HBT High Power Amplifier
CHA8100 UMS-CHA8100 Datasheet
260Kb / 12P
   X-band HBT High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com