Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6558-99F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA6558-99F
Description  28-32GHz HPA 2W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6558-99F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA6558-99F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA6558-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA6558-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA6558-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA6558-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA6558-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA6558-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA6558-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA6558-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
28-32GHz HPA 2W
CHA6558-99F
Ref. DSCHA6558-QAG2251 - 07 Sep 12
3/10
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical S parameters in test fixture Measurements
Tamb.= +25°C, Vd = +6V, Id = 1.4A
Linear Gain & RLosses versus Frequency
Output Power @ saturation versus Frequency
-20
-15
-10
-5
0
5
10
15
20
25
30
26
27
28
29
30
31
32
33
34
35
36
Frequency (GHz)
Linear gain & Rlosses versus Frequency
dBS21
dBS11
dBS22
25
27
29
31
33
35
37
39
28
29
30
31
32
33
Frequency (GHz)
Output Power @1dB compression & saturation versus frequency
Pout @ saturation


Similar Part No. - CHA6558-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6558-99F00 UMS-CHA6558-99F00 Datasheet
573Kb / 10P
   28-32GHz HPA 2W
More results

Similar Description - CHA6558-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6558-99F UMS-CHA6558-99F Datasheet
573Kb / 10P
   28-32GHz HPA 2W
logo
TriQuint Semiconductor
TGA4501-EPU TRIQUINT-TGA4501-EPU Datasheet
1Mb / 9P
   28-31 GHz Ka Band HPA
logo
Eudyna Devices Inc
FMM5118X EUDYNA-FMM5118X Datasheet
677Kb / 6P
   20-32GHz Doubler MMIC
FMM5703X EUDYNA-FMM5703X Datasheet
886Kb / 4P
   24-32GHz LNA MMIC
logo
RFHIC
RFP-0850-27-27PS RFHIC-RFP-0850-27-27PS Datasheet
393Kb / 3P
   HPA Module
RFP-1882-32-27 RFHIC-RFP-1882-32-27 Datasheet
411Kb / 3P
   HPA Module
RFP-0895-33-27 RFHIC-RFP-0895-33-27 Datasheet
494Kb / 4P
   HPA Module
RFP-1962-32-27 RFHIC-RFP-1962-32-27 Datasheet
411Kb / 3P
   HPA Module
RFP-0895-27-27PS RFHIC-RFP-0895-27-27PS Datasheet
388Kb / 3P
   HPA Module
RFP-0881-45-27 RFHIC-RFP-0881-45-27 Datasheet
482Kb / 4P
   HPA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com