Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6252-QFG Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA6252-QFG
Description  13-15.5GHz Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6252-QFG Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA6252-QFG Datasheet HTML 1Page - United Monolithic Semiconductors CHA6252-QFG Datasheet HTML 2Page - United Monolithic Semiconductors CHA6252-QFG Datasheet HTML 3Page - United Monolithic Semiconductors CHA6252-QFG Datasheet HTML 4Page - United Monolithic Semiconductors CHA6252-QFG Datasheet HTML 5Page - United Monolithic Semiconductors CHA6252-QFG Datasheet HTML 6Page - United Monolithic Semiconductors CHA6252-QFG Datasheet HTML 7Page - United Monolithic Semiconductors CHA6252-QFG Datasheet HTML 8Page - United Monolithic Semiconductors CHA6252-QFG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CHA6252-QFG
13-15.5GHz Power Amplifier
Ref. : DSCHA6252-QFG2355 - 20 Dec 12
2/12
Specifications subject to change without notice
Bat. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Electrical Characteristics
Tamb.= +25°C, Vd = +7.0V
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency range
13
15.5
GHz
Gain
Linear Gain
22
dB
G_T
Linear gain variation versus Temp
-0.05
dB/°C
RL_in
Input Return Loss
-18
dB
RL_out
Output Return Loss
-11
dB
OP1dB
Output power @1dB compression point
32.5
dBm
Psat
Saturated output power
35
dBm
TOI
Output TOI @10 dB back off of OP1dB
41
dBm
PAE
Power added efficiency @1dB compression
22
%
Idq
Quiescent Drain current
1.1
A
Vg
Gate voltage
-0.45
V
These values are representative of onboard measurements as defined on the drawing in
paragraph "Evaluation mother board".
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
7.5V
V
Id
Drain bias current
2
A
Vg
Gate bias voltage
-2 to +0
V
Pin
Input continuous power
15
dBm
Tj
Junction temperature
(2)
175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.
Typical Bias Conditions
Tamb.= +25°C
Symbol
Pad N
o
Parameter
Values
Unit
VDx
15, 26, 28, 30,
32
DC Drain voltage
7
V
VGx
9, 10, 12, 14
DC Gate voltage tuned for Idq= 1.1A
-0.45
V


Similar Part No. - CHA6252-QFG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6252-QFG UMS-CHA6252-QFG Datasheet
467Kb / 12P
   13-15.5GHz Power Amplifier
CHA6252-QFG20 UMS-CHA6252-QFG20 Datasheet
467Kb / 12P
   13-15.5GHz Power Amplifier
CHA6252-QFG21 UMS-CHA6252-QFG21 Datasheet
467Kb / 12P
   13-15.5GHz Power Amplifier
More results

Similar Description - CHA6252-QFG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6252-QFG UMS-CHA6252-QFG Datasheet
467Kb / 12P
   13-15.5GHz Power Amplifier
logo
Qorvo, Inc
QPM2239 QORVO-QPM2239 Datasheet
847Kb / 18P
   13 ??15.5GHz 80W GaN Power Amplifier Module
logo
M/A-COM Technology Solu...
MAAP-015030 MA-COM-MAAP-015030_15 Datasheet
1Mb / 12P
   Power Amplifier, 13 W
logo
United Monolithic Semic...
CHA5042 UMS-CHA5042 Datasheet
92Kb / 6P
   13-16GHz High Power Amplifier
CHA6042 UMS-CHA6042 Datasheet
90Kb / 6P
   13-16GHz High Power Amplifier
logo
Qorvo, Inc
TGA2514N-FL QORVO-TGA2514N-FL Datasheet
535Kb / 10P
   13 ??18 GHz Power Amplifier
logo
Teledyne Technologies I...
CPA-13-6035 TELEDYNE-CPA-13-6035 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
logo
TriQuint Semiconductor
TGA2502 TRIQUINT-TGA2502_15 Datasheet
435Kb / 10P
   13 15 GHz 4W Power Amplifier
logo
Teledyne Technologies I...
CPA-13-6027 TELEDYNE-CPA-13-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
logo
TriQuint Semiconductor
TGA2502 TRIQUINT-TGA2502 Datasheet
180Kb / 9P
   13 - 15 GHz 4W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com