Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6005-QEG Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA6005-QEG
Description  8-12GHz High Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6005-QEG Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHA6005-QEG Datasheet HTML 2Page - United Monolithic Semiconductors CHA6005-QEG Datasheet HTML 3Page - United Monolithic Semiconductors CHA6005-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHA6005-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHA6005-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHA6005-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHA6005-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHA6005-QEG Datasheet HTML 9Page - United Monolithic Semiconductors CHA6005-QEG Datasheet HTML 10Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CHA6005-QEG
8-12GHz High Power Amplifier
Ref. : DSCHA6005-QEG5070
– 11 Mar 15
6/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Board Measurements
Temperature : -40, +25, +85°C
VD1,2 = 8V, Id (Quiescent) = 420mA, CW mode
Power added efficiency at 3dBcomp versus Frequency and Temperature
Drain current at 3 dBcomp versus Frequency and Temperature
0
5
10
15
20
25
30
35
40
45
50
7
8
9
10
11
12
13
Frequency (GHz)
Temp=-40 C & Pin=13dBm
Temp=+25 C & Pin=15dBm
Temp=+85 C & Pin=17dBm
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
7
8
9
10
11
12
13
Frequency (GHz)
Temp=-40°C & Pin=13dBm
Temp=+25°C & Pin=15dBm
Temp=+85°C & Pin=17dBm


Similar Part No. - CHA6005-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6005-99F UMS-CHA6005-99F Datasheet
271Kb / 10P
   8-12GHz High Power Amplifier
CHA6005-99F UMS-CHA6005-99F Datasheet
283Kb / 10P
   8-12GHz High Power Amplifier
CHA6005-99F00 UMS-CHA6005-99F00 Datasheet
271Kb / 10P
   8-12GHz High Power Amplifier
CHA6005-99F UMS-CHA6005-99F_15 Datasheet
283Kb / 10P
   8-12GHz High Power Amplifier
More results

Similar Description - CHA6005-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6005-99F UMS-CHA6005-99F Datasheet
271Kb / 10P
   8-12GHz High Power Amplifier
CHA6005-99F UMS-CHA6005-99F_15 Datasheet
283Kb / 10P
   8-12GHz High Power Amplifier
CHA6105 UMS-CHA6105_15 Datasheet
239Kb / 8P
   8-12GHz Driver Amplifier
logo
TriQuint Semiconductor
TGA2710 TRIQUINT-TGA2710 Datasheet
193Kb / 15P
   10.5 - 12GHz High Power Amplifier
logo
United Monolithic Semic...
CHA6105 UMS-CHA6105 Datasheet
228Kb / 8P
   8-12GHz Driver Amplifier
logo
Transcom, Inc.
TA080-120-41-30 TRANSCOM-TA080-120-41-30 Datasheet
17Kb / 1P
   8 - 12GHz 30 dBm Amplifier
TA060-120-35-27 TRANSCOM-TA060-120-35-27 Datasheet
77Kb / 2P
   6 ~ 12GHz 35dB Gain 27dBm Power Amplifier
TA060-120-35-30 TRANSCOM-TA060-120-35-30 Datasheet
71Kb / 2P
   6 ~ 12GHz 35dB Gain 30dBm Power Amplifier
TA060-120-35-33 TRANSCOM-TA060-120-35-33 Datasheet
68Kb / 2P
   6 ~ 12GHz 35dB Gain 33dBm Power Amplifier
logo
TriQuint Semiconductor
TGA2590-CP TRIQUINT-TGA2590-CP Datasheet
579Kb / 11P
   6 to 12GHz, 30W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com