Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3666-SNF Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHA3666-SNF
Description  5.8-16GHz Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3666-SNF Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHA3666-SNF Datasheet HTML 2Page - United Monolithic Semiconductors CHA3666-SNF Datasheet HTML 3Page - United Monolithic Semiconductors CHA3666-SNF Datasheet HTML 4Page - United Monolithic Semiconductors CHA3666-SNF Datasheet HTML 5Page - United Monolithic Semiconductors CHA3666-SNF Datasheet HTML 6Page - United Monolithic Semiconductors CHA3666-SNF Datasheet HTML 7Page - United Monolithic Semiconductors CHA3666-SNF Datasheet HTML 8Page - United Monolithic Semiconductors CHA3666-SNF Datasheet HTML 9Page - United Monolithic Semiconductors CHA3666-SNF Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CHA3666-SNF
5.8-16GHz Low Noise Amplifier
Ref. : DSCHA3666-SNF2353 - 18 Dec 12
10/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Recommended environmental management
UMS products are compliant with the regulation in particular with the directives RoHS
N°2011/65 and REACh N°1907/2006. More environmental data are available in the
application note AN0019 also available at http://www.ums-gaas.com.
Recommended ESD management
Refer to the application note AN0020 available at http://www.ums-gaas.com for ESD
sensitivity and handling recommendations for the UMS package products.
Ordering Information
Glass/Metal 12L hermetic package:
CHA3666-SNF/XY
Tray: XY = 20
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors
S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use
as critical components in life support devices or systems without express written approval from United
Monolithic Semiconductors S.A.S.


Similar Part No. - CHA3666-SNF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666-SNF UMS-CHA3666-SNF Datasheet
359Kb / 10P
   5.8-16GHz Low Noise Amplifier
More results

Similar Description - CHA3666-SNF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666-SNF UMS-CHA3666-SNF Datasheet
359Kb / 10P
   5.8-16GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
CHA2066 UMS-CHA2066 Datasheet
128Kb / 8P
   10-16GHz Low Noise Amplifier
CHA2066 UMS-CHA2066_04 Datasheet
117Kb / 8P
   10-16GHz Low Noise Amplifier
CHA2066-QAG UMS-CHA2066-QAG Datasheet
299Kb / 12P
   10-16GHz Low Noise Amplifier
CHA2066 UMS-CHA2066_15 Datasheet
156Kb / 8P
   10-16GHz Low Noise Amplifier
CHA3656-QAG UMS-CHA3656-QAG_15 Datasheet
578Kb / 14P
   5.8-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG_15 Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
316Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA2066RBF UMS-CHA2066RBF Datasheet
182Kb / 8P
   10-16GHz Self biased Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com