Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3666 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA3666
Description  6-17GHz Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3666 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA3666 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3666 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHA3666
6-17GHz Low Noise Amplifier
Ref. : DSCHA3666-8108 - 17 Apr 08
2/8
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Temp = +25°C, Pads: P1, N2 = GND (1)
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
6
17
GHz
G
Gain (2)
19
21
dB
∆G
Gain flatness
±0.5
dB
NF
Noise figure (2)
1.8
2
dB
IS11I
Input return loss (2)
2.5:1
2.7:1
dB
IS22I
Ouput return loss (2)
2.0:1
2.2:1
dB
IP3
3rd order intercept point (2)
26
dBm
P1dB
Output power at 1dB gain comp.(2) (3)
15
17
dBm
Vd
Drain bias voltage
4
V
Id
Drain bias current
60
80
100
mA
(1)
The other pads are not connected
(2)
These values are representative of on-wafer measurements that are made without
bonding wires at the RF ports.
(3)
P1dB can be increased (+0.5dBm) when P1 & P2 are connected and N2 non-
connected. In this case Id is typically 85mA
Absolute Maximum Ratings (1)
Temp = +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4.5
V
Pin
RF input power
10
dBm
Top
Operating temperature range (chip backside)
-40 to +85
°C
Tj
Junction temperature
175
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these paramaters may cause permanent damage.


Similar Part No. - CHA3666

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666 UMS-CHA3666 Datasheet
247Kb / 8P
   6-17GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
316Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
More results

Similar Description - CHA3666

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666 UMS-CHA3666 Datasheet
247Kb / 8P
   6-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG_15 Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3656-QAG UMS-CHA3656-QAG_15 Datasheet
578Kb / 14P
   5.8-17GHz Low Noise Amplifier
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
316Kb / 12P
   5.8-17GHz Low Noise Amplifier
logo
Renesas Technology Corp
F6923 RENESAS-F6923_V01 Datasheet
1Mb / 15P
   Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266 Datasheet
124Kb / 7P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA8399B-SCC TRIQUINT-TGA8399B-SCC_15 Datasheet
213Kb / 8P
   6-13 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com