Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8307 Datasheet(PDF) 10 Page - Texas Instruments

Part # DRV8307
Description  DRV8307 Brushless DC Motor Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8307 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8307_15 Datasheet HTML 6Page - Texas Instruments DRV8307_15 Datasheet HTML 7Page - Texas Instruments DRV8307_15 Datasheet HTML 8Page - Texas Instruments DRV8307_15 Datasheet HTML 9Page - Texas Instruments DRV8307_15 Datasheet HTML 10Page - Texas Instruments DRV8307_15 Datasheet HTML 11Page - Texas Instruments DRV8307_15 Datasheet HTML 12Page - Texas Instruments DRV8307_15 Datasheet HTML 13Page - Texas Instruments DRV8307_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Power
Outputs
PPAD
CP1
CP2
VCP
VCP
VM
VINT
GND
FAULTn
LOCKn
HALLOUT
RISENSE
ISEN
VSW
0.1 µF
1 µF
Hall
U
Hall
V
Hall
W
VM
UHSG
ULSG
U
VM
VHSG
VLSG
V
VM
WHSG
WLSG
W
VM
Optional
HV+
HV±
Optional
HU+
HU±
Optional
HW+
HW±
Hall
Differential
Comparators
+
-
+
-
+
-
Control
Inputs
VLIMITER
PWM
Limiter
-
+
VSENSEOCP
SENSE
OCP
-
+
Charge
Pump
VREG
0.1 µF
VM
Hall
Power
VSW or VREG
ENABLE#
1 µF
Core
Logic
VCP
10 V
Phase W
pre-driver
VCP
10 V
Phase V
pre-driver
VCP
10 V
Phase U
pre-driver
1.8-V Linear
Regulator
5-V Linear
Regulator
Oscillator
Thermal
Sensor
10-V Linear
Regulator
10 V
Voltage
Monitoring
BRAKE
PWM
DIR
ENABLEn
bulk
DRV8307
SLVSCK2 – APRIL 2014
www.ti.com
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Hall Comparators
Three comparators are provided to process the raw signals from Hall effect transducers to commutate the motor.
The Hall amplifiers sense zero crossings of the differential inputs and pass the information to digital logic.
The Hall amplifiers have hysteresis, and their detect threshold is centered at 0. Note, hysteresis is defined as
shown in Figure 3:
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DRV8307


Similar Part No. - DRV8307_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
More results

Similar Description - DRV8307_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com