Electronic Components Datasheet Search |
|
DRV5033 Datasheet(PDF) 4 Page - Texas Instruments |
|
DRV5033 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 26 page DRV5033 SLIS152C – MAY 2014 – REVISED MAY 2015 www.ti.com 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VCC –22(2) 40 V Power supply voltage Voltage ramp rate (VCC), VCC < 5 V Unlimited V/µs Voltage ramp rate (VCC), VCC > 5 V 0 2 Output pin voltage OUT –0.5 40 V Output pin reverse current during OUT 0 100 mA reverse supply condition Operating junction temperature TJ –40 150 (3) °C Tstg Storage temperature –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Ensured by design. Only tested to –20 V. (3) Tested in production to TA = 125°C. 7.2 ESD Ratings VALUE UNIT Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) ±2500 Electrostatic V(ESD) V discharge Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2) ±500 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Power supply voltage 2.5 38 V VO Output pin voltage (OUT) 0 38 V ISINK Output pin current sink (OUT)(1) 0 30 mA TA Operating ambient temperature –40 125 °C (1) Power dissipation and thermal limits must be observed 7.4 Thermal Information DRV5033 THERMAL METRIC(1) DBZ LPG UNIT 3 PINS 3 PINS RθJA Junction-to-ambient thermal resistance 333.2 180 °C/W RθJC(top) Junction-to-case (top) thermal resistance 99.9 98.6 °C/W RθJB Junction-to-board thermal resistance 66.9 154.9 °C/W ψJT Junction-to-top characterization parameter 4.9 40 °C/W ψJB Junction-to-board characterization parameter 65.2 154.9 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. 4 Submit Documentation Feedback Copyright © 2014–2015, Texas Instruments Incorporated Product Folder Links: DRV5033 |
Similar Part No. - DRV5033_15 |
|
Similar Description - DRV5033_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |