Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RIC7S113L4 Datasheet(PDF) 3 Page - International Rectifier

Part # RIC7S113L4
Description  RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RIC7S113L4 Datasheet(HTML) 3 Page - International Rectifier

  RIC7S113L4 Datasheet HTML 1Page - International Rectifier RIC7S113L4 Datasheet HTML 2Page - International Rectifier RIC7S113L4 Datasheet HTML 3Page - International Rectifier RIC7S113L4 Datasheet HTML 4Page - International Rectifier RIC7S113L4 Datasheet HTML 5Page - International Rectifier RIC7S113L4 Datasheet HTML 6Page - International Rectifier RIC7S113L4 Datasheet HTML 7Page - International Rectifier RIC7S113L4 Datasheet HTML 8Page - International Rectifier RIC7S113L4 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.irf.com
3
RIC7S113L4
Tj = 25°C
Tj =
-55 to 125°C
Symbol
Parameter
Min.
Max.
Min.
Max. Units Test Conditions
VIH
Logic “1” Input Voltage
3.1
—
3.3
—
VDD = 5V
6.4
—
6.8
—
VDD = 10V
9.5
—
10
—
V
VDD = 15V
12.5
—
13.3
—
VDD = 20V
VIL
Logic “0” Input Voltage
—
1.6
—
1.6
VDD = 5V
—
3.8
—
3.6
VDD = 10V
—
6.0
—
5.7
V
VDD = 15V
—
8.3
—
7.9
VDD = 20V
VOH
High Level Output Voltage, VBIAS - VO
—
1.2
—
1.5
VIN =VIH, IO = 0A
VOL
Low Level Output Voltage, VO
—
0.1
—
0.1
VIN =VIH, IO = 0A
ILK
Offset Supply Leakage Current
—
50
—
250
VB = VS = 400V
IQBS
Quiescent VBS Supply Current
—
230
—
500
µA
VIN =0V or VDD
IQCC
Quiescent VCC Supply Current
—
340
—
600
VIN =0V, or VDD
IQDD
Quiescent VDD Supply Current
—
30
—
60
VIN =0V, or VDD
IIN+
Logic “1” Input Bias Current
—
40
—
70
VIN = VDD
IIN-
Logic “0” Input Bias Current
—
1.0
—
10
VIN = 0V
VBSUV+
VBS Supply Undervoltage Positive
7.5
9.7
—
—
Going Threshold
VBSUV-
VBS Supply Undervoltage Negative
7.0
9.4
—
—
Going Threshold
VCCUV+
VCC Supply Undervoltage Positive
7.4
9.6
—
—
V
Going Threshold
VCCUV-
VCC Supply Undervoltage Negative
7.0
9.4
—
—
Going Threshold
IO+
Output High Short Circuit Pulsed
2.0
—
—
—
VO = 0V, VIN = VDD
Current
*
APW < 10 µs
IO-
Output Low Short Circuit Pulsed
2.0
—
—
—
VO = 15V, VIN = 0V
Current
*
PW < 10 µs
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, unless otherwise specified. The VIN, VTH and IIN parameters are refer-
enced to VSS and are applicable to all three logic input pins: HIN, LIN and SD. The VO and IO parameters
are referenced to COM or VS and are applicable to the respective output pins: HO or LO.
Pre-Irradiation
* Guaranteed by design, not tested


Similar Part No. - RIC7S113L4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RIC7S113A4 IRF-RIC7S113A4 Datasheet
239Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113A4 IRF-RIC7S113A4_15 Datasheet
239Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113E4 IRF-RIC7S113E4 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113E4 IRF-RIC7S113E4_15 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
More results

Similar Description - RIC7S113L4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RIC7113E4 IRF-RIC7113E4 Datasheet
168Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113E4 IRF-RIC7S113E4_15 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113E4 IRF-RIC7113E4_15 Datasheet
227Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113A4 IRF-RIC7113A4 Datasheet
156Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113A4 IRF-RIC7S113A4_15 Datasheet
239Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113A4 IRF-RIC7113A4_15 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113L4 IRF-RIC7113L4 Datasheet
155Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113L4 IRF-RIC7113L4_15 Datasheet
215Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
logo
Renesas Technology Corp
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
   Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com