Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RIC7S113A4 Datasheet(PDF) 1 Page - International Rectifier

Part # RIC7S113A4
Description  RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RIC7S113A4 Datasheet(HTML) 1 Page - International Rectifier

  RIC7S113A4_15 Datasheet HTML 1Page - International Rectifier RIC7S113A4_15 Datasheet HTML 2Page - International Rectifier RIC7S113A4_15 Datasheet HTML 3Page - International Rectifier RIC7S113A4_15 Datasheet HTML 4Page - International Rectifier RIC7S113A4_15 Datasheet HTML 5Page - International Rectifier RIC7S113A4_15 Datasheet HTML 6Page - International Rectifier RIC7S113A4_15 Datasheet HTML 7Page - International Rectifier RIC7S113A4_15 Datasheet HTML 8Page - International Rectifier RIC7S113A4_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
n Total dose capability to 100 kRads(Si)
n Floating channel designed for bootstrap operation
n Fully operational to +400V
n Tolerant to negative transient voltage
n dV/dt immune
n Gate drive supply range from 10 to 20V
n Undervoltage lockout for both channels
n Separate logic supply range from 5 to 20V
Logic and power ground ±5V offset
n CMOS Schmitt-triggered inputs with pull-down
n Cycle by cycle edge-triggered shutdown logic
n Matched propagation delay for both channels
n Outputs in phase with inputs
n Hermetically Sealed
n Lightweight
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
Product Summary
VOFFSET
400V max.
IO+/-
2A / 2A
VOUT
10 - 20V
ton/off (typ.)
120 & 100 ns
Delay Matching(typ.)
5 ns
Symbol
Parameter
Min.
Max.
Units
VB
High Side Floating Supply Voltage
-0.5
VS + 20
VS
High Side Floating Supply Offset Voltage
—
400
VHO
High Side Floating Output Voltage
VS - 0.5
VB + 0.5
VCC
Low Side Fixed Supply Voltage
-0.5
20
VLO
Low Side Output Voltage
-0.5
VCC + 0.5
V
VDD
Logic Supply Voltage
-0.5
VSS + 20
VSS
Logic Supply Offset Voltage
VCC - 20
VCC + 0.5
VIN
Logic Input Voltage (HIN, LIN & SD)
VSS - 0.5
VDD + 0.5
dVs/dt
Allowable Offset Supply Voltage Transient (Figure 2)
—
50
V/ns
PD
Package Power Dissipation @ TLEAD ≤ +25°C
—
0.8
W
RthJC
Thermal Resistance, Junction to Case
12 (Typ)
15.9
RthJ-LEAD
Thermal Resistance, Junction to Lead
*
150 (Typ)
—
°C/W
RthJ-LID
Thermal Resistance, Junction to Lid
*
27 (Typ)
—
TJ
Junction Temperature
-55
125
TS
Storage Temperature
-55
150
°C
TL
Lead Temperature (Soldering, 10 seconds)
—
300
Weight
0.6(typical)
g
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are
absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured under board
mounted and still air conditions.
Description
The RIC7S113A4 is a high voltage, high speed power
MOSFET and IGBT driver with independent high and low
side referenced output channels. Proprietary HVIC and
latch immune CMOS technologies enable ruggedized
monolithic construction. Logic inputs are compatible with
standard CMOS or LSTTL outputs. The output drivers
feature a high pulse current buffer stage designed for
minimum driver cross-conduction. Propagation delays are
matched to simplify use in high frequency applications.
The floating channel can be used to drive an N-channel
power MOSFET or IGBT in the high side configuration
which operates up to 400 volts.
RIC7S113A4
* Guaranteed by design, not tested
08/14/15
www.irf.com
1
PD-97826


Similar Part No. - RIC7S113A4_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RIC7S113E4 IRF-RIC7S113E4 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113E4 IRF-RIC7S113E4_15 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113L4 IRF-RIC7S113L4 Datasheet
226Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113L4 IRF-RIC7S113L4_15 Datasheet
226Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
More results

Similar Description - RIC7S113A4_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RIC7113E4 IRF-RIC7113E4 Datasheet
168Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113E4 IRF-RIC7S113E4_15 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113E4 IRF-RIC7113E4_15 Datasheet
227Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113A4 IRF-RIC7113A4 Datasheet
156Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113L4 IRF-RIC7S113L4_15 Datasheet
226Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113A4 IRF-RIC7113A4_15 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113L4 IRF-RIC7113L4 Datasheet
155Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113L4 IRF-RIC7113L4_15 Datasheet
215Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
logo
Renesas Technology Corp
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
   Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com