Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX883CSA Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX883CSA
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX883CSA Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX883CSA Datasheet HTML 8Page - Maxim Integrated Products MAX883CSA Datasheet HTML 9Page - Maxim Integrated Products MAX883CSA Datasheet HTML 10Page - Maxim Integrated Products MAX883CSA Datasheet HTML 11Page - Maxim Integrated Products MAX883CSA Datasheet HTML 12Page - Maxim Integrated Products MAX883CSA Datasheet HTML 13Page - Maxim Integrated Products MAX883CSA Datasheet HTML 14Page - Maxim Integrated Products MAX883CSA Datasheet HTML 15Page - Maxim Integrated Products MAX883CSA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
14
______________________________________________________________________________________
_Ordering Information (continued)
___________________Chip Topography
* Dice are tested at TJ = +25°C, DC parameters only.
** Contact factory for availability.
SET
OUT
IN
0.085"
(2.159mm)
0.080"
(2.032mm)
OUT
LBI
OFF (MAX883/4)
STBY (MAX882)
GND
LB0
TRANSISTOR COUNT: 151
NO DIRECT SUBSTRATE CONNECTION. THE N-SUB-
STRATE IS INTERNALLY SWITCHED BETWEEN THE
MORE POSITIVE OF IN OR OUT.
PART
MAX883CPA
MAX883CSA
MAX883C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
Dice*
MAX883EPA
-40°C to +85°C
8 Plastic DIP
MAX883ESA
-40°C to +85°C
8 SO
MAX883MJA
-55°C to +125°C
8 CERDIP**
MAX884CPA
MAX884CSA
MAX884C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 SO
Dice*
MAX884EPA
-40°C to +85°C
8 Plastic DIP
MAX884ESA
-40°C to +85°C
8 SO
MAX884MJA
-55°C to +125°C
8 CERDIP**


Similar Part No. - MAX883CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX883CSA MAXIM-MAX883CSA Datasheet
361Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX883CSA MAXIM-MAX883CSA Datasheet
507Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
More results

Similar Description - MAX883CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX882 MAXIM-MAX882_08 Datasheet
361Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX882 MAXIM-MAX882_09 Datasheet
507Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
MAX603 MAXIM-MAX603 Datasheet
134Kb / 12P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
Rev 0; 9/94
MAX603 MAXIM-MAX603_V01 Datasheet
1Mb / 11P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
2017
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
logo
Linear Technology
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com