Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV3204-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # DRV3204-Q1
Description  Three-Phase Brushless Motor Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV3204-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  DRV3204-Q1_15 Datasheet HTML 1Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 2Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 3Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 4Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 5Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 6Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 7Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 8Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
UL
VL
CTLWL
VCC
WL
CTLUL
CTLVL
CTLVH
CTLWH
TEST
VB
PH3M
CTLUH
PH2M
PH1M
PHTM
GND
VDD
DIN
SCK
FAULT
DOUT
PRN
CS
DRV3204-Q1
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
31
32
48 47 46 45 44 43 42
41 40 39 38 37
36
35
34
33
DRV3204-Q1
SLVSBT3B – MARCH 2013 – REVISED JULY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DEVICE INFORMATION
48-PIN PHP
(Top View)
PIN FUNCTIONS
PIN
MAXIMUM
FUNCTION
RATING
NAME
NO.
TYPE
ALFB
18
O
-0.3 V-40 V
Motor current-sense amplifier feedback
ALM
16
I
-0.3 V-40 V
Motor current-sense amplifier negative input
ALP
17
I
-0.3 V-40 V
Motor current-sense amplifier positive input
ALV
15
O
-0.3 V-6 V
Motor current-sense amplifier output
AREF
19
O
-0.3 V-40 V
Reference output of motor current- sense amplifier
CPDR1
47
O
-0.3 V-40 V
Charge-pump output
CPDR2
46
O
-0.3 V-40 V
Charge-pump output
CPDR3
45
O
-0.3 V-40 V
Charge-pump output
CPDR4
44
O
-0.3 V-40 V
Charge-pump output
CS
32
I
-0.3 V-6 V
SPI chip select
CTLUH
3
I
-0.3 V-6 V
Pre-driver parallel input
CTLUL
9
I
-0.3 V-6 V
Pre-driver parallel input
CTLVH
4
I
-0.3 V-6 V
Pre-driver parallel input
CTLVL
10
I
-0.3 V-6 V
Pre-driver parallel input
CTLWH
5
I
-0.3 V-6 V
Pre-driver parallel input
CTLWL
11
I
-0.3 V-6 V
Pre-driver parallel input
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :DRV3204-Q1


Similar Part No. - DRV3204-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3204-Q1 TI1-DRV3204-Q1 Datasheet
542Kb / 38P
[Old version datasheet]   DRV3204-Q1 Three-Phase Brushless Motor Driver
More results

Similar Description - DRV3204-Q1_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com