Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ANT-315-CW-HD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. ANT-315-CW-HD
Description  Use with plastic* or metal enclosures
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-315-CW-HD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-315-CW-HD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ANT-315-CW-HD DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
This reduced-height 1/4-wave antenna is ready for years
of use thanks to a flexible internal helical that is
overmolded with a heavy-duty protective jacket. It’s an
excellent choice for outdoor applications or for use in
adverse environments where the antenna must resist
shock, harsh weather, and tampering. HD Series antennas
attach via an FCC Part 15 compliant RP-SMA connector.
Features
Description
4.61”
(117.0)
0.41”
(10.5)
0.53”
(13.5)
1.77”
(45.0)
0.24”
(6.0)
0.48”
(12.3)
0.25”
(6.4)
End View
0.53”
(13.5)
Electrical specifications and plots measured on 4.00” x 4.00” reference ground plane
CENTER 315.000MHz
SPAN 150.000MHz
S11 SWR
1.872
* Requires proximity ground plane
Rev 07-22-08
Typical VSWR
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
VSWR Graph
• Reduced-height helical whip
• Excellent performance
• Omni-directional pattern
• Very low VSWR
• Heavy-duty construction
• Damage-resistant
• Fully weatherized
• Flexible main shaft
• Part 15 compliant RP-SMA connector
• Use with plastic* or metal enclosures
• Center Freq. 315MHz
• Bandwidth
10MHz
• Wavelength
1/4-wave
• VSWR
<2.0 typ. at center
• Impedance
50 ohms
• Connector
RP-SMA
• ANT-315-CW-HD


Similar Part No. - ANT-315-CW-HD

ManufacturerPart No.DatasheetDescription
Linx Technologies
Linx Technologies
ANT-315-CW-HD LINX-ANT-315-CW-HD Datasheet
250Kb / 2P
   This reduced-height 쩌-wave antenna is ready for years of use thanks to a flexible internal helical
4/14/14
More results

Similar Description - ANT-315-CW-HD

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ANT-2.4-JJB-RA ETC2-ANT-2.4-JJB-RA Datasheet
193Kb / 1P
   Use with plastic* or metal enclosures
ANT-315-CW-RAH ETC2-ANT-315-CW-RAH Datasheet
130Kb / 1P
   Use with plastic* or metal enclosures
ANT-2.4-PW-QW ETC2-ANT-2.4-PW-QW Datasheet
185Kb / 1P
   Use with plastic or metal enclosures
RC-3M ETC2-RC-3M Datasheet
142Kb / 2P
   Metal Enclosures
M28 ETC2-M28 Datasheet
331Kb / 2P
   Available in plastic and stud-mount metal enclosures
M38 ETC2-M38 Datasheet
331Kb / 2P
   Available in plastic and stud-mount metal enclosures
FB-40-5 ETC-FB-40-5 Datasheet
134Kb / 1P
   PLASTIC ENCLOSURES FOR ELECTRONICS
Hammond Manufacturing Ltd.
Hammond Manufacturing L...
RS5305S HAMMOND-RS5305S Datasheet
155Kb / 2P
   RITEC - Sealed - ABS Plastic Enclosures
List of Unclassifed Manufacturers
List of Unclassifed Man...
R507-122-000 ETC2-R507-122-000 Datasheet
34Kb / 2P
   ACCESSORIES For Aluminum Enclosures (Use with series R100, R101 R102)
Grayhill, Inc
Grayhill, Inc
70GRCM32 GRAYHILL-70GRCM32 Datasheet
499Kb / 2P
   For Use with MicroDac or PAMUX Controllers
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz