Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB6054AG-AG6-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UB6054AG-AG6-R
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB6054AG-AG6-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UB6054AG-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 9Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 10Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 11Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
UB6054A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 13
www.unisonic.com.tw
QW-R502-926.b
APPLICATION INFORMATION
Stability Considerations
The constant-voltage mode feedback loop is stable without an output capacitor provided a battery is connected to
the charger output. With no battery present, an output capacitor is recommended to reduce ripple voltage. When
using high value, low ESR ceramic capacitors, it is recommended to add a 1W resistor in series with the capacitor.
No series resistor is needed if tantalum capacitors are used. In constant-current mode, the PROG pin is in the
feedback loop, not the battery. The constant-current mode stability is affected by the impedance at the PROG pin.
With no additional capacitance on the PROG pin, the charger is stable with program resistor values as high as 20kΩ.
However, additional capacitance on this node reduces the maximum allowed program resistor thus it should be
avoided. Average, rather than instantaneous, charge current may be of interest to the user. For example, if a
switching power supply operating in low current mode is connected in parallel with the battery, the average current
being pulled out of the BAT pin is typically of more interest than the instantaneous current pulses. In such a case, a
simple RC filter can be used on the PROG pin to measure the average battery current as shown in Figure 1. A 10kΩ
resistor has been added between the PROG pin and the filter capacitor to ensure stability.
UTC
UB6054A
RPROG
CFILTER
GND
PROG
10kΩ
CHARGE CURRENT
MONITOR CIRCUITRY
Fig1. Isolating Capacitive Load on PROG Pin
Thermal Limiting
An internal thermal feedback loop reduces the programmed charge current if the die temperature attempts to rise
above a preset value of approximately 120°C. This feature protects the UTC UB6054A from excessive temperature
and allows the user to push the limits of the power handling capability of a given circuit board without risk of
damaging the UTC UB6054A. The charge current can be set according to typical (not worst-case) ambient
temperature with the assurance that the charger will automatically reduce the current in worst-case conditions.
The conditions that cause the UTC UB6054A to reduce charge current through thermal feedback can be
approximated by considering the power dissipated in the IC. Nearly all of this power dissipation is generated by the
internal MOSFET. This is calculated to be approximately:
BAT
BAT
CC
D
I
V
V
P
Where PD is the power dissipated, VCC is the input supply voltage, VBAT is the battery voltage and IBAT is the
charge current. The approximate ambient temperature at which the thermal feedback begins to protect the IC is:
JA
D
A
P
C
T
120
JA
BAT
BAT
CC
A
I
V
V
C
T
120
Moreover, when thermal feedback reduces the charge current, the voltage at the PROG pin is also reduced
proportionally as discussed in the Operation section. It is important to remember that UTC UB6054A applications do
not need to be designed for worst-case thermal conditions since the IC will automatically reduce power dissipation
when the junction temperature reaches approximately 120°C.


Similar Part No. - UB6054AG-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB6054A UTC-UB6054A Datasheet
200Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
More results

Similar Description - UB6054AG-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_15 Datasheet
267Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803_15 Datasheet
243Kb / 10P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_18 Datasheet
307Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803 Datasheet
244Kb / 10P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2017 UTC-UB2017 Datasheet
278Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2017 UTC-UB2017_15 Datasheet
278Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054 UTC-UB6054_15 Datasheet
247Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016 Datasheet
267Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054 UTC-UB6054 Datasheet
247Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com