Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8562 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L8562
Description  POWER FACTOR CORRECTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8562 Datasheet(HTML) 1 Page - Unisonic Technologies

  L8562_15 Datasheet HTML 1Page - Unisonic Technologies L8562_15 Datasheet HTML 2Page - Unisonic Technologies L8562_15 Datasheet HTML 3Page - Unisonic Technologies L8562_15 Datasheet HTML 4Page - Unisonic Technologies L8562_15 Datasheet HTML 5Page - Unisonic Technologies L8562_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L8562
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., LTD
QW-R119-018.C
POWER FACTOR CORRECTOR
DESCRIPTION
The UTC L8562 is a Power Factor Corrector, which can work in
wide input voltage range applications (from 85V ~ 265V) with an
excellent THD. It has very low start up current (about 20 uA) and
a disable function on the ZCD pin, which is designed to keep
lower current consumption in stand by mode.
The device is operating in transition mode, and is able to drive
a Power MOS or IGBT with a ± 400mA current for sourcing and
sinking.
FEATURES
* 1% Precision (@ TJ = 25℃) Internal Reference Voltage
* Output Overvoltage Protection
* Very Low Power Start-Up Current
* Current Sense Filter On Chip
* Disable Function (with ZCD pin)
* Transition Mode Operation
* Gate Driving Current: ± 400mA
* 15V Gate clamped
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
L8562L-D08-T
L8562G-D08-T
DIP-8
Tube
L8562L-S08-R
L8562G-S08-R
SOP-8
Tape Reel
L8562L-S08-T
L8562G-S08-T
SOP-8
Tube


Similar Part No. - L8562_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8562G-D08-T UTC-L8562G-D08-T Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
L8562G-S08-R UTC-L8562G-S08-R Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
L8562G-S08-T UTC-L8562G-S08-T Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
L8562L-D08-T UTC-L8562L-D08-T Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
L8562L-S08-R UTC-L8562L-S08-R Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
More results

Similar Description - L8562_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
   POWER FACTOR CORRECTOR
June 2000
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
   POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
   POWER FACTOR CORRECTOR
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
   POWER FACTOR CORRECTOR
September 1998
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
E-L6561D013TR STMICROELECTRONICS-E-L6561D013TR Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
8561 UTC-8561 Datasheet
162Kb / 6P
   POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com