Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX811 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX811
Description  4-Pin 關P Voltage Monitors with Manual Reset Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX811 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX811 Datasheet HTML 1Page - Maxim Integrated Products MAX811 Datasheet HTML 2Page - Maxim Integrated Products MAX811 Datasheet HTML 3Page - Maxim Integrated Products MAX811 Datasheet HTML 4Page - Maxim Integrated Products MAX811 Datasheet HTML 5Page - Maxim Integrated Products MAX811 Datasheet HTML 6Page - Maxim Integrated Products MAX811 Datasheet HTML 7Page - Maxim Integrated Products MAX811 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-Pin µP Voltage Monitors
with Manual Reset Input
4
_______________________________________________________________________________________
190
POWER-UP RESET TIMEOUT
vs. TEMPERATURE
230
TEMPERATURE (°C)
210
200
220
-40
85
35
-15
10
60
MAX81_R/S/T
MAX81_L/M
RESET THRESHOLD DEVIATION
vs. TEMPERATURE
0.9995
1.0000
1.0005
TEMPERATURE (°C)
0.9985
0.9980
0.9990
-40
85
35
-15
10
60
0
POWER-DOWN RESET DELAY vs. TEMPERATURE
(MAX81_L/M)
200
TEMPERATURE (°C)
100
50
150
-40
85
10
-15
60
35
VOD = VTH - VCC
VOD = 125mV
VOD = 200mV
VOD = 20mV
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
-40
85
SUPPLY CURRENT vs. TEMPERATURE
(MAX81_R/S/T)
2.0
2.5
3.0
TEMPERATURE (°C)
10
1.0
0.5
-15
60
1.5
35
VCC = 3.6V
VCC = 3.3V
VCC = 1V
0
SUPPLY CURRENT vs. TEMPERATURE
(MAX81_L/M)
8
TEMPERATURE (°C)
4
2
6
-40
85
10
-15
60
35
VCC = 5.5V
VCC = 3V
VCC = 1V
0
POWER-DOWN RESET DELAY vs. TEMPERATURE
(MAX81_R/S/T)
80
100
TEMPERATURE (°C)
40
20
60
-40
85
10
-15
60
35
VOD = VTH - VCC
VOD = 20mV
VOD = 200mV
VOD = 125mV


Similar Part No. - MAX811

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811-EUS-T MAXIM-MAX811-EUS-T Datasheet
144Kb / 8P
   4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX811TEUS MAXIM-MAX811TEUS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
MAX811_EUS-T MAXIM-MAX811_EUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
More results

Similar Description - MAX811

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Unisonic Technologies
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXX UTC-83CXXX Datasheet
139Kb / 6P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811_V01 Datasheet
901Kb / 9P
   4-Pin 關P Voltage Monitors with Manual Reset Input
2018
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
   4-Pin P Voltage Monitors with Manual Reset Input
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com