Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM7662SC Datasheet(PDF) 1 Page - International Rectifier

Part # OM7662SC
Description  Isolated Hermetic Package. JEDEC TO-258AA Outline
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7662SC Datasheet(HTML) 1 Page - International Rectifier

  OM7662SC_15 Datasheet HTML 1Page - International Rectifier OM7662SC_15 Datasheet HTML 2Page - International Rectifier OM7662SC_15 Datasheet HTML 3Page - International Rectifier OM7662SC_15 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.3 - 209
3.3
Three Terminal, Fixed Positive Voltage, 3.0 Amp
Precision Positive Regulator In Hermetic
JEDEC TO-258AA Package
4 11 R4
ISOLATED HERMETIC TO-258AA FIXED
POSITIVE VOLTAGE REGULATORS
FEATURES
• Isolated Hermetic Package. JEDEC TO-258AA Outline
• Ouput Voltages: 5V, 12V And 15V (Other Voltages Available)
• Output Volatges Set Internally To ±2% (±1% Available)
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Product Is Available Hi-Rel Screened
DESCRIPTION
These three terminal positive regulators are supplied in a hermetically sealed metal
package whose outline is similar to the industry standard TO-247 plastic package. All
protective features are designed into the circuit, including thermal shutdown, current
limiting and safe-area control. With heat sinking, they can deliver over 3.0 amps of
output current. These units feature ±2% initial voltage tolerance, with 0.3% load
regulation and .01% line regulation.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Input to Output Voltage Differential ........................................ +35V
Operating Junction Temperature Range ........................ - 55°C to + 150°C
Storage Temperature Range .................................. - 55°C to + 150°C
Typical Power/Thermal Characteristics:
Rated Power @ 25°C
T
C ............................................................... 25W
T
A ................................................................ 3W
Thermal Resistance:
q
JC ........................................................... 3.5°C/W
q
JA ............................................................ 42°C/W
Note: For ±1% device, add letter “A” in front of part number (e.g. OMA 7662SC).
OM7664SC
OM7662SC
OM7663SC


Similar Part No. - OM7662SC_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7662SCOM7664SC ETC2-OM7662SCOM7664SC Datasheet
40Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
More results

Similar Description - OM7662SC_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
OM6025SC ETC2-OM6025SC Datasheet
40Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-258AA SIZE 6 DIE
OM7608SC ETC2-OM7608SC Datasheet
32Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
OM5204SC ETC1-OM5204SC Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
OM7662SC ETC2-OM7662SC Datasheet
40Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
OM7662 ETC-OM7662 Datasheet
33Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
OM5328SC ETC1-OM5328SC Datasheet
20Kb / 2P
   HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com