Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX919B Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX919B
Description  Excellent Radio Fading Performance
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919B Datasheet(HTML) 1 Page - CML Microcircuits

  FX919B Datasheet HTML 1Page - CML Microcircuits FX919B Datasheet HTML 2Page - CML Microcircuits FX919B Datasheet HTML 3Page - CML Microcircuits FX919B Datasheet HTML 4Page - CML Microcircuits FX919B Datasheet HTML 5Page - CML Microcircuits FX919B Datasheet HTML 6Page - CML Microcircuits FX919B Datasheet HTML 7Page - CML Microcircuits FX919B Datasheet HTML 8Page - CML Microcircuits FX919B Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
CML Semiconductor Products
4-Level FSK Modem Data Pump
FX919B
© 1997 Consumer Microcircuits Limited
D/919B/1 July 1997
Advance Information
Features
Applications
•• 4-Level FSK Data Modulation
•• Wireless Data Terminals
•• Half Duplex, 4800 to 19.2k bits/sec
•• Two Way Paging Systems
•• Excellent Radio Fading Performance
•• Digital Radio Systems
•• Error Detection and Error Correction
•• Wide Area Wireless Data Broadcasts
•• Low Power 3.3V to 5V Operation
•• Point to Point Wireless Data Links
1.1
Brief Description
The FX919B is a CMOS integrated circuit that contains all of the baseband signal processing and Medium
Access Control (MAC) protocol functions required for a high performance 4-level FSK Wireless Packet Data
Modem. It interfaces with the modem host processor and the radio modulation/demodulation circuits to deliver
reliable two-way transfer of the application data over the wireless link. The FX919B is backwards compatible
with the FX919A but offers better performance during radio link fading and selectable Tx symbol shapes.
The FX919B assembles application data received from the processor, adds forward error correction (FEC) and
error detection (CRC) information and interleaves the result for burst-error protection. After adding symbol and
frame synchronisation codewords, it converts the packet into a filtered 4-level analogue baseband signal for
modulating the radio transmitter.
In receive mode, the FX919B performs the reverse function using the analogue baseband signals from the
receiver discriminator. After error correction and removal of the packet overhead, the recovered application
data is supplied to the processor. Any residual uncorrected errors in the data will be flagged. A readout of the
SNR value during receipt of a packet is also provided.
The FX919B uses data block sizes and FEC/CRC algorithms suitable for applications which require the high-
speed transfer of data over narrow-band wireless links.
The device is programmable to operate at most
standard bit-rates from a wide choice of Xtal/clock frequencies.
D2
D5
P4


Similar Part No. - FX919B

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX919A CMLMICRO-FX919A Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX919AD2 CMLMICRO-FX919AD2 Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX919AD5 CMLMICRO-FX919AD5 Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX919AP4 CMLMICRO-FX919AP4 Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
More results

Similar Description - FX919B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
   Excellent performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
   Excellent Performance
logo
STMicroelectronics
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
   Excellent switching performance
July 2013 Rev 1
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
   Excellent THD performance
logo
STMicroelectronics
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
   Excellent switching performance
July 2013 Rev 3
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
   excellent temperature performance
logo
STMicroelectronics
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
   Excellent switching performance
August 2013 Rev 4
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
   Excellent switching performance
November 2012 Rev 1
logo
List of Unclassifed Man...
GP-3004SF ETC2-GP-3004SF Datasheet
444Kb / 2P
   Excellent thermal performance
logo
STMicroelectronics
STB46N30M5 STMICROELECTRONICS-STB46N30M5 Datasheet
1Mb / 17P
   Excellent switching performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com