Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX797H Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX797H
Description  High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797H Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX797H Datasheet HTML 1Page - Maxim Integrated Products MAX797H Datasheet HTML 2Page - Maxim Integrated Products MAX797H Datasheet HTML 3Page - Maxim Integrated Products MAX797H Datasheet HTML 4Page - Maxim Integrated Products MAX797H Datasheet HTML 5Page - Maxim Integrated Products MAX797H Datasheet HTML 6Page - Maxim Integrated Products MAX797H Datasheet HTML 7Page - Maxim Integrated Products MAX797H Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
High-Voltage, Step-Down Controller with
Synchronous Rectifier for CPU Power
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, GND = PGND = 0V, IVL = IREF = 0A, TA = 0°C to +85°C, SYNC = 0V, unless otherwise noted.)
SHDN, 0V or 30V
SHDN, SKIP
SYNC
SYNC = 0V or 5V
No external load (Note 1)
SYNC = REF
Guaranteed by design
CSH = CSL = 6V
V+ = 4V, CSL = 0V (Note 2)
SYNC = 0V or 5V
SHDN = 0V, V+ = 30V, CSL = 0V or 6V
Falling edge
0µA < IREF < 100µA
SYNC = REF
SHDN = 0V, CSL = 6V, V+ = 0V or 30V, VL = 0V
CONDITIONS
2.0
2.0
V
VL - 0.5
Input High Voltage
%
93
96
89
91
Maximum Duty Factor
kHz
190
340
Oscillator Sync Range
ns
200
SYNC Rise/Fall Time
ns
200
SYNC Low Pulse Width
ns
200
SYNC High Pulse Width
125
150
175
kHz
270
300
330
Oscillator Frequency
2.45
2.505
2.55
V
Reference Output Voltage
mW
4.8
6.6
Quiescent Power Consumption
mW
4
8
Dropout Power Consumption
1
5
µA
V+ Shutdown Current
V
1.8
2.3
Reference Fault Lockout Voltage
mV
50
Reference Load Regulation
µA
0.1
1
CSL Shutdown Leakage Current
UNITS
MIN
TYP
MAX
PARAMETER
FB = CSH = CSL = 6V, VL switched over to CSL
1
5
µA
V+ Off-State Leakage Current
DL forced to 2V
FB, FB = REF
CSH, CSL, CSH = CSL = 4V, device not shut down
SYNC, SKIP
A
1
DL Sink/Source Current
±100
50
1.0
SHDN, SKIP
SYNC
0.5
V
0.8
Input Low Voltage
DH forced to 2V, BST - LX = 4.5V
A
1
DH Sink/Source Current
High or low, BST - LX = 4.5V
High or low
7
DH On-Resistance
7
DL On-Resistance
OSCILLATOR AND INPUTS/OUTPUTS
nA
Input Current
µA


Similar Part No. - MAX797H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX797 MAXIM-MAX797 Datasheet
319Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX797 MAXIM-MAX797 Datasheet
415Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX797C/D MAXIM-MAX797C/D Datasheet
319Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX797C/D MAXIM-MAX797C/D Datasheet
415Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX797C/D++ MAXIM-MAX797C/D+ Datasheet
415Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
More results

Similar Description - MAX797H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
   High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
MAX1638 MAXIM-MAX1638 Datasheet
149Kb / 16P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1313; Rev 0; 11/97
MAX796 MAXIM-MAX796 Datasheet
319Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX797CSE-T MAXIM-MAX797CSE-T Datasheet
1,005Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
MAX796 MAXIM-MAX796_05 Datasheet
415Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
   High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
logo
Maxim Integrated Produc...
MAX1636 MAXIM-MAX1636 Datasheet
219Kb / 24P
   Low-Voltage, Precision Step-Down Controller for Portable CPU Power
19-1268; Rev 0; 8/97
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com