Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM1320 Datasheet(PDF) 3 Page - International Rectifier

Part # OM1320
Description  Similar To Industry Standard LM117
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM1320 Datasheet(HTML) 3 Page - International Rectifier

  OM1320 Datasheet HTML 1Page - International Rectifier OM1320 Datasheet HTML 2Page - International Rectifier OM1320 Datasheet HTML 3Page - International Rectifier OM1320 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.5 - 3
3.5
ELECTRICAL CHARACTERISTICS
-55°C ≤ TA ≤ 125°C, IL = 8mA (unless otherwise specified)
OM1320N2M
OM1320STM
Vin
Cin*
0.1 µF
Vout
Co**
1.0 µF
R2
Adjust
IAdj
R1
240Ω
STANDARD APPLICATION
*Cin is required if regulator is located an
appreciable distance from power supply filter.
** Co is not needed for stability, however it does
improve transient response.
Vout = 1.25 V (1 +
)+ IAd j R2
Since IAdj is controlled to less than 100 µA,
the error associated with this term is negligible
in most applications.
OM1320NTM, OM1320STM, OM1320NKM, OM1320SMM, OM1320NMM, OM1320N2M
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
VREF
VDIFF = 3.0V, TA = 25°C1.20
1.30
VDIFF = 3.3V
1.20
1.30
V
VDIFF = 40V
1.20
1.30
Line Regulation
RLINE
3.0V ≤ VDIFF ≤ 40V, Vout = Vref, TA = 25°C-9
9
mV
(Note 1)
3.3V ≤ VDIFF ≤ 40V, Vout = Vref
-23
23
Load Regulation
RLOAD
VDIFF = 3.0V, 10mA ≤ IL ≤ .5A, TA = 25°C-15
15
(Note 1)
VDIFF = 3.3V, 10mA ≤ IL ≤ .5A
-15
15
mV
VDIFF = 40V, 10mA ≤ IL ≤ 150mA, TA = 25°C-15
15
VDIFF = 40V, 10mA ≤ IL ≤ 100mA
-15
15
Thermal Regulation
VRTH
Vin = 14.6V, IL = 300mA
-16
16
mV
Pd = 4 Watts, t = 20 ms, TA =25°C
Ripple Rejection
RN
f = 120 Hz, Vout = Vref
66
dB
(Note 2)
CAdj = 10 µF
Adjustment Pin Current
IAdj
VDIFF = 3.0V, TA = 25°C100
VDIFF = 3.3V
100
µA
VDIFF = 40V
100
Adjustment Pin
∆IAdj
VDIFF = 3.0V, 10mA ≤ IL ≤ .5A, TA = 25°C-5
5
Current Change
VDIFF = 3.3V, 10mA ≤ IL ≤ .5A
-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 150mA, TA = 25°C
-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 100mA
-5
5
µA
3.0V ≤ VDIFF ≤ 40V, TA = 25°C-5
5
3.3V ≤ VDIFF ≤ 40V
-5
5
Miminum Load Current
ILmin
VDIFF = 3.0V, VOUT = 1.4V (forced)
5.0
VDIFF = 3.3V, VOUT = 1.4V (forced)
5.0
mA
VDIFF = 40V, VOUT = 1.4V (forced)
5.0
Current Limit
ICL
VDIFF = 15V
.5
1.65
(Note 2)
VDIFF = 40V, TA = 25°C0.15
.065
A
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. If not tested, shall be guaranteed to the specified limits.
3. The
denotes the specifications which apply over the full operating temperature range.
R2
R1


Similar Part No. - OM1320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1320N2M ETC-OM1320N2M Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1320N2M IRF-OM1320N2M Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
logo
List of Unclassifed Man...
OM1320N2M ETC2-OM1320N2M Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1320NKM ETC-OM1320NKM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1320NKM IRF-OM1320NKM Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
More results

Similar Description - OM1320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM1321 IRF-OM1321_15 Datasheet
41Kb / 4P
   Similar To Industry Standard LM117HV
OM1324 IRF-OM1324_15 Datasheet
41Kb / 4P
   Similar To Industry Standard LM117A
OM1326 IRF-OM1326_15 Datasheet
43Kb / 4P
   Similar To Industry Standard LM117AHV
IRG4BC10UDPBF IRF-IRG4BC10UDPBF_15 Datasheet
323Kb / 11P
   INDUSTRY STANDARD TO-220AB PACKAGE
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
Energizer
EL123APBP ENERGIZER-EL123APBP Datasheet
253Kb / 1P
   Industry Standard Dimensions
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
logo
MMD Components
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com