Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX7861 Datasheet(PDF) 2 Page - CML Microcircuits

Part # CMX7861
Description  Digital Channel Filters
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7861 Datasheet(HTML) 2 Page - CML Microcircuits

  CMX7861 Datasheet HTML 1Page - CML Microcircuits CMX7861 Datasheet HTML 2Page - CML Microcircuits CMX7861 Datasheet HTML 3Page - CML Microcircuits CMX7861 Datasheet HTML 4Page - CML Microcircuits CMX7861 Datasheet HTML 5Page - CML Microcircuits CMX7861 Datasheet HTML 6Page - CML Microcircuits CMX7861 Datasheet HTML 7Page - CML Microcircuits CMX7861 Datasheet HTML 8Page - CML Microcircuits CMX7861 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
CMX7861 FirmCODEC
® Programmable Baseband Interface
CMX7861
 2012 CML Microsystems Plc
Page 2
D/7861_FI-1.x/2
1
Brief Description
1.1
General
The CMX7861 FirmCODEC
® is a general-purpose, dual-channel baseband interface device for use in
DSP-based systems. The device is a combination of codec, embedded signal processing and auxiliary
system support functions that, together, allow simple interfacing to analogue and digital systems.
Single-ended and differential interface options are provided and I/Q-based operation is supported. The
device can also be used in radio systems operating with channel bandwidths up to 50kHz, interfacing RF
devices to baseband DSP/microcontroller, performing the main data conversion and auxiliary operations
for monitoring and control.
Fully-programmable on-chip digital channel filters can be utilised for signal conditioning purposes.
Intelligent auxiliary ADC, DAC and GPIO sub-systems perform valuable functions and minimise host
interaction and host I/O resources. Two synthesised system clock generators develop clock signals for
off-chip use. The C-BUS/SPI master interface expands host C-BUS/SPI ports to control external devices.
The CMX7861 utilises
CML’s proprietary FirmASICcomponent technology that enables on-chip sub-
systems to be configured by a Function
Image™ data file, which is uploaded during device initialisation
and defines the device's function and feature set. The Function
Image™ can be loaded automatically from
a host µC over the C-BUS serial interface or from an external memory device. The device's functions and
features can be enhanced by subsequent Function
Image™ releases, facilitating in-the-field upgrades.
The CMX7861 operates from a 3.3V supply and includes selectable power saving modes. It is available in
a 64-VQFN package.
1.2
Codec and Modem Modes
Two general modes of operation are supported: codec mode and modem mode.
Codec mode is intended for applications where a general purpose codec is required. When in codec
mode the CMX7861 will provide digital-to-analogue and analogue-to-digital conversion, producing a flat
pass band over the sampled bandwidth. Simple programmable transmit and receive filter options are
provided but there are no signal interpolation facilities available, and the maximum sample rate is limited.
Modem mode is suited to applications where the CMX7861 is used to transmit modulated data and
receive that data. Modem mode provides a transmit signal interpolator which will aid in the modulation
process by converting mapped symbols to a filtered, modulated output. Receive channel filters are also
provided, however filter design is more complex than codec mode as ADC and DAC roll off need to be
considered when designing filters. Modem mode is, in general, more efficient than codec mode and is
capable of providing a higher sample rate.
This datasheet is the first part of a two-part document.


Similar Part No. - CMX7861

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX7011 CMLMICRO-CMX7011 Datasheet
1Mb / 33P
   Embedded audio-band modem
CMX7031 CMLMICRO-CMX7031 Datasheet
3Mb / 82P
   Full Audio-band Processing
CMX7032 CMLMICRO-CMX7032 Datasheet
628Kb / 5P
   Marine AIS data processor designed for Limiter-Discriminator based RF systems
CMX7042 CMLMICRO-CMX7042 Datasheet
628Kb / 5P
   Marine AIS data processor designed for Limiter-Discriminator based RF systems
CMX7045 CMLMICRO-CMX7045 Datasheet
1Mb / 36P
   AIS SART Formatted Data
More results

Similar Description - CMX7861

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELK-EA101FA PANASONIC-ELK-EA101FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
ELK-E333FA PANASONIC-ELK-E333FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
logo
Microchip Technology
AN540 MICROCHIP-AN540 Datasheet
132Kb / 17P
   Implementing IIR Digital Filters
1993 - 1995
logo
Texas Instruments
SN54LS297 TI-SN54LS297_07 Datasheet
513Kb / 15P
[Old version datasheet]   DIGITAL PHASE-LOCKED-LOOP FILTERS
SN54LS297 TI-SN54LS297 Datasheet
307Kb / 7P
[Old version datasheet]   DIGITAL PHASE-LOCKED-LOOP FILTERS
logo
Maxim Integrated Produc...
MAX9500 MAXIM-MAX9500 Datasheet
468Kb / 10P
   Triple-Channel HDTV Filters
Rev 1; 11/05
logo
Faraday Technology
FB281 FARADAY-FB281 Datasheet
89Kb / 2P
   SATELLITE IF CHANNEL FILTERS
logo
Maxim Integrated Produc...
MAX9500 MAXIM-MAX9500_V01 Datasheet
755Kb / 9P
   Triple-Channel HDTV Filters
2007
logo
Sanyo Semicon Device
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
logo
Nippon Precision Circui...
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com