Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMX991 Datasheet(PDF) 23 Page - CML Microcircuits

Part No. CMX991
Description  Two-mode demodulator
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CMLMICRO [CML Microcircuits]
Homepage  http://www.cmlmicro.com
Logo 

CMX991 Datasheet(HTML) 23 Page - CML Microcircuits

Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
23
D/991_992/20
fout = fref x ( N / M )
where
fout = The desired output frequency in MHz
fref = The reference frequency supplied to the PLL on pin FREF in MHz
N = Divider value programmed in the N divider register (see section 6.9.1)
M = Divider value programmed in the M divider register (see section 6.8.1)
The PLL only supports VCOs with a positive tuning slope, i.e. a high tuning voltage from DO results in a
higher oscillation frequency from the VCO.
The PLL has a lock-detect function that can be evaluated using register $21, b6 (section 6.8.2).
The VCO amplifier is a negative resistance amplifier requiring an external tank circuit (see section 4.5).
The amplifier has two control bits available in the general control register (section 6.2, register $11, b2 -
b3). These bits can be used to optimise performance for a particular tank circuit depending on its Q value.
5.4.2
RF Local Oscillator
The main LO for both the transmitter and the receiver are not provided on the CMX991/CMX992 and must
be supplied from an external source (see section 4.4). Independent selectable internal dividers for Tx and
Rx sections are provided to work with the external source, see Figure 3 or Figure 4. The input impedance
is nominally 300
Ω differential with a series capacitance of 6pF to each pin.
CH1
S 11
1 U FS
C?
Del
PRm
CH2
S 11
log MAG
REF 0 dB
5 dB/
START 100.000 000 MHz
STOP 1 200.000 000 MHz
C?
PRm
SCALE
5 dB/div
26 Feb 2009 17:19:44
1
2
3
4
1_ 100.5
-284.67
5.5908 pF
100.000 000 MHz
2_ 35.797
-100.45
450 MHz
3_ 23.598
-64.363
820 MHz
4_ 22.861
-48.746
1 GHz
1
2
3
4
1_:-.9361 dB
100.000 000 MHz
2_:-2.2931 dB
450 MHz
3_:-2.9567 dB
820 MHz
4_:-3.9252 dB
1 GHz
Figure 18 Typical LO Input Impedance


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn