Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMX991 Datasheet(PDF) 22 Page - CML Microcircuits

Part No. CMX991
Description  Two-mode demodulator
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CMLMICRO [CML Microcircuits]
Homepage  http://www.cmlmicro.com
Logo 

CMX991 Datasheet(HTML) 22 Page - CML Microcircuits

Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
22
D/991_992/20
5.3.2
Direct I/Q IF Output Tx Mode
As shown in Figure 16, the filtered TxIF output from the I/Q modulator can be made available on the
TXIFOUT pin. This can then be translated up to RF frequency via user-supplied external circuits or in
some cases used directly for VHF operation. When this mode is selected the image-reject up-converter
should be powersaved (register $14, b6
– see section 6.5.1): this disables unused circuits and saves
power.
5.4
Local Oscillators
5.4.1
IF Local Oscillator
The CMX991/CMX992 provides an integer-N PLL that can be used to create the IF Local oscillator, see
Figure 17. The CMX991/CMX992 provides a VCO negative resistance amplifier, so only a tank circuit
needs to be implemented externally. Alternatively, this amplifier can be bypassed and an external VCO can
be used in the range 40 to 600 MHz (NB: see note at end of section 4.5).
CMX991
CMX992
VCO
NR
Amplifier
VCOP
VCON
N Divider
(Feedback)
80 - 32767
M Divider
(Reference)
2 - 8191
Phase
Detector
VCO
Tank &
Varactors
FREF
DOIF
VCO
Output
Buffer
NR
Control
Lock
Detect
LO to I/Q Rx mixers
(and Tx IF section in
CMX991)
Enable
Enable
Figure 17 CMX991/CMX992 IF Local Oscillator
The integer-n PLL has programmable M and N dividers as shown in Figure 17. The phase detector
provides a charge pump output which requires a suitable loop filter to convert this signal into a control
voltage for a VCO. The phase detector can be turned off (high impedance mode) and the PLL section
disabled if an external LO is to be used, see section 6.8 for control details. In the case of an external LO it
is necessary for the VCO Output buffer to remain enabled (section 6.2, register $11, b1) however the VCO
amplifier must be disabled (Register $11, b0).
The output frequency of the PLL is set by the following calculation:


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn