Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMX991 Datasheet(PDF) 12 Page - CML Microcircuits

Part No. CMX991
Description  Two-mode demodulator
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CMLMICRO [CML Microcircuits]
Homepage  http://www.cmlmicro.com
Logo 

CMX991 Datasheet(HTML) 12 Page - CML Microcircuits

Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
12
D/991_992/20
4.2.2
Rx 1
st IF Filtering
The output of the CMX991/CMX992 first receive mixer can be switched between MIXOUT1 and MIXOUT2
to support two different external 1
st IF filters for different receiver operating modes. The IF output should
be in the range 10MHz to 150MHz. The integrated IF amplifier that follows external 1
st IF filters has two
switchable inputs. It is recommended that an IF filter (e.g. crystal or SAW type) be placed between the
mixer output and IF amplifier input stages to protect the IF amplifier and subsequent stages from off-
channel signals. Matching arrangements will vary with the particular filter used, however an example of a
typical configuration for a 45MHz IF is given in Figure 7. The configuration shown only utilises one possible
combination of the two 1
st Mixer outputs and two IF amplifier inputs; the other input and output (IFIP2 and
MIXOUT2 respectively) could be configured to use a SAW filter or operate with a different IF frequency or
bandwidth, for example. The MIXEROUT1 and MIXEROUT2 pins should have a dc blocking capacitor, as
should the IF amplifier inputs IFIP1 and IFIP2. IFINN should be ac coupled to the IF filter ground.
For additional information see sections 5.2.2 and 7.6.
MIXOUT1
MIXOUT2
MIXINN
MIXINP
IFIP1
IFIP2
IFINN
CMX991
CMX992
F1
L1
C1
C3a
C2
C4
R1
L2
C5
C7
R2
C8
C3b
Figure 7 Example External Components
– Receive 1
st IF Section


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn