Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMX991 Datasheet(PDF) 11 Page - CML Microcircuits

Part No. CMX991
Description  Two-mode demodulator
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CMLMICRO [CML Microcircuits]
Homepage  http://www.cmlmicro.com
Logo 

CMX991 Datasheet(HTML) 11 Page - CML Microcircuits

Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
11
D/991_992/20
4.2
Receiver (CMX991 and CMX992)
The receiver relies on an external LNA, filtering and a transmit/receive switch; details can be found in
section 5.2.
4.2.1
Rx 1
st Mixer
The Rx 1
st Mixer has a differential input with a nominal impedance of 300
 and series capacitance of 8pF.
To ensure optimum performance a balun is required when driving from typical single-ended (un-balanced)
LNAs or filters.
The balun may be a transformer type or implemented using LC networks. A typical
matching circuit to the Rx 1
st Mixer is shown in Figure 6. In a particular implementation the shunt resistors
R1 and R2 may be replaced by a single component across the balun T1 output. The blocking capacitors
C3 and C4 may be omitted if the input signals are 0V dc biased. DC should not be applied to the input
pins, otherwise damage to the internal protection diodes may result.
L1
R1
L2
R2
C4
T1
MIXINP
MIXINN
Input
C3
CMX991
CMX992
Figure 6 Example External Components
– Receive 1
st Mixer Input
L1
27nH
L2
33nH
C3
1nF
T1
TC1-1-13M+
C4
1nF
R1 and R2
NF
Table 4 Typical Rx 1
st Mixer Input Matching Components for 455MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn