Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMX991 Datasheet(PDF) 55 Page - CML Microcircuits

Part No. CMX991
Description  Two-mode demodulator
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CMLMICRO [CML Microcircuits]
Homepage  http://www.cmlmicro.com
Logo 

CMX991 Datasheet(HTML) 55 Page - CML Microcircuits

 
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
55
D/991_992/20
8.1.3.5
AC Parameters
– C-BUS
C-BUS Timings (See Figure 32)
Notes
Min.
Typ.
Max.
Units
tCSE
CSN-enable to clock-high time
100
ns
tCSH
Last clock-high to CSN-high time
100
ns
tLOZ
Clock-low to reply output enable time
0.0
ns
tHIZ
CSN-high to reply output 3-state time
1.0
µs
tCSOFF
CSN-high time between transactions
1.0
µs
tNXT
Inter-byte time
200
ns
tCK
Clock-cycle time
200
ns
tCH
Serial clock-high time
100
ns
tCL
Serial clock-low time
100
ns
tCDS
Command data set-up time
75.0
ns
tCDH
Command data hold time
25.0
ns
tRDS
Reply data set-up time
50.0
ns
tRDH
Reply data hold time
0.0
ns
Maximum 30pF load on each C-BUS interface line.
Figure 32 C-BUS Timing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn