Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMX991 Datasheet(PDF) 53 Page - CML Microcircuits

Part No. CMX991
Description  Two-mode demodulator
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CMLMICRO [CML Microcircuits]
Homepage  http://www.cmlmicro.com
Logo 

CMX991 Datasheet(HTML) 53 Page - CML Microcircuits

 
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
53
D/991_992/20
Image-Reject Up-Converter
Notes
Min.
Typ.
Max.
Units
Output Frequency Range
100
1000
MHz
Output Impedance
50
200
Ω
Output Level
46, 51
-10
dBm
Wideband Noise at 1MHz
-141
dBc/Hz
Image Suppression
-36
dBc
LO Suppression (1GHz)
53
-25
-30
dBc
LO Suppression (460 MHz)
-35
dBc
APCO P25 Performance
ACPR (12.5kHz) with C4FM
52
70
dB
ACPR (12.5kHz) with H-CPM
52
70
dB
LO Input
Frequency Range
40
2000
MHz
Level
-10
-5
0
dBm
Division Ratios
2 or 4
Notes:
50. Differential output TXOUTP and TXOUTN.
51. Output via 4:1 balun (See section 4.3.1
) and matching to 50Ω.
52. TxIF of 45MHz or 90MHz; ACPR measured as TIA-102.CAAB-B section 3.2.8.1.
53. Tested with 1910MHz LO and 45MHz IF, 2Vp-p differential input signal on I and Q; level at
955MHz measured relative to wanted signal at 1GHz.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn