Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX991 Datasheet(PDF) 48 Page - CML Microcircuits

Part # CMX991
Description  Two-mode demodulator
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX991 Datasheet(HTML) 48 Page - CML Microcircuits

Back Button CMX991 Datasheet HTML 44Page - CML Microcircuits CMX991 Datasheet HTML 45Page - CML Microcircuits CMX991 Datasheet HTML 46Page - CML Microcircuits CMX991 Datasheet HTML 47Page - CML Microcircuits CMX991 Datasheet HTML 48Page - CML Microcircuits CMX991 Datasheet HTML 49Page - CML Microcircuits CMX991 Datasheet HTML 50Page - CML Microcircuits CMX991 Datasheet HTML 51Page - CML Microcircuits CMX991 Datasheet HTML 52Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
48
D/991_992/20
8.1.3
Operating Characteristics
The following conditions apply unless otherwise specified:
VDD = AVDD = DVDD = 3.0V to 3.6V; VSS = AVSS = DVSS, TAMB = -40°C to +85°C, SLI disabled.
8.1.3.1
DC Parameters
DC Parameters
Notes
Min.
Typ.
Max.
Units
Total Current Consumption
Powersave Mode
A, F
10
60
µA
VBIAS Only
C
2.1
2.6
mA
Operating Currents
J
Rx Only (with SLI)
D
58
75
mA
Rx Only (SLI Disabled)
D
52
mA
Rx IF and PLL Only
H
37
mA
Synth Only
D
14
20
mA
Tx Only (RF Output)
G
82
108
mA
Tx Only (IF Output)
G
61
76
mA
Current from VDDIO
B
0.3
600
µA
Logic ‘1’ Input Level
70%
VDDIO
Logic ‘0’ Input Level
30%
VDDIO
Outpu
t Logic ‘1’ Level (lOH = 0.6 mA)
80%
VDDIO
Output Logic ‘0’ Level (lOL = -1.0 mA)
+0.4
V
Power-up Time
Reference Voltage
All Blocks Except Reference Voltage
E
E
0.5
10
ms
µs
Internal Bandgap Voltage (VBG)
1.06
1.13
1.2
V
External Bias Voltage (VBIAS) – derived from VBG
1.45
1.6
1.75
V
Notes: A. Powersave mode includes the state after General Reset with all analogue and digital supplies
applied and also the case with VDD applied but with all analogue supplies disconnected (i.e. in
this later scenario, power from VDD will not exceed the specified value whatever the state of the
registers).
B. Assumes 30pF on each C-BUS interface line and an operating serial clock frequency of 5MHz.
C. The stated current drawn here is with the bandgap reference and accompanying bias current
generators enabled only (register $11, b7), all other circuitry is disabled.
D. Not including any current drawn from the device pins by external circuitry:
Rx only
– All Rx circuitry including SLI , synthesiser and bias generator.
Synth only
– Synthesiser, NR Amplifier, VCO Buffer and bias generator.
E. As measured from the rising edge of CSN.
F. At TAMB = 25ºC, not including any current drawn from the CMX991/CMX992 pins by external
circuitry.
G. Tx only
– Tx circuitry plus synthesiser, VCO, buffer and bias generator. IF output excludes the
Tx Image Reject Mixer, but includes the IF Output buffer.
H. Rx IF and PLL
– IF amplifier and I/Q mixers plus synthesiser, VCO, buffer and bias generator
J. Total current from AVDD, DVDD and VDDIO.


Similar Part No. - CMX991

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX990 CMLMICRO-CMX990 Datasheet
114Kb / 1P
   The Product Data Amendment series of documents
CMX993 CMLMICRO-CMX993 Datasheet
803Kb / 26P
   Programmable 30dB Output Gain Range
CMX994 CMLMICRO-CMX994 Datasheet
2Mb / 61P
   Local Oscillator
CMX998 CMLMICRO-CMX998 Datasheet
117Kb / 2P
   The Product Data Amendment series of documents
More results

Similar Description - CMX991

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8046 PHILIPS-TDA8046 Datasheet
245Kb / 48P
   Multi-mode QAM demodulator
1996 Nov 19
logo
XFMRS Inc.
XF0656F-C2-4S XFMRS-XF0656F-C2-4S Datasheet
63Kb / 2P
   COMMON MODE TWO PORT COMBO
XF0656F-C2-4S XFMRS-XF0656F-C2-4S_15 Datasheet
63Kb / 2P
   COMMON MODE TWO PORT COMBO
XF0656F-C2-4S XFMRS-XF0656F-C2-4S Datasheet
63Kb / 2P
   COMMON MODE TWO PORT COMBO
logo
Sanyo Semicon Device
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
   RDS Demodulator
logo
Motorola, Inc
MC92308 MOTOROLA-MC92308 Datasheet
57Kb / 4P
   OFDM Demodulator
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
logo
NXP Semiconductors
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
logo
RF Micro Devices
RF2721 RFMD-RF2721 Datasheet
66Kb / 6P
   QUADRATURE DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com