Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMX991 Datasheet(PDF) 47 Page - CML Microcircuits

Part No. CMX991
Description  Two-mode demodulator
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CMLMICRO [CML Microcircuits]
Homepage  http://www.cmlmicro.com
Logo 

CMX991 Datasheet(HTML) 47 Page - CML Microcircuits

Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
47
D/991_992/20
8
Performance Specification
8.1
Electrical Performance
For definition of voltage and reference signal, see Table 2.
8.1.1
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
ESD Warning: This high performance RF integrated circuit is an ESD sensitive device which has
unprotected inputs and outputs. Handling and assembly of this device should only be carried out at an
ESD protected workstation.
Min.
Max.
Units
Supply (AVDD – AVSS) or (DVDD – DVSS)
-0.3
+4.0
V
Voltage between AVSS and DVSS
-50
+50
mV
Voltage between AVDD and DVDD
-0.3
+0.3
V
Current into or out of DGND, any AVDD pin or DVDD
-75
+75
mA
Current into or out of AGND (exposed metal pad)
-200
+200
mA
Current into or out of any other pin
-20
+20
mA
Q3 Package
Min.
Max.
Units
Total Allowable Power Dissipation at TAMB = 25°C
1750
mW
... De-rating
17.5
mW/°C
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
8.1.2
Operating Limits
Correct operation of the device outside these limits is not implied.
Notes
Min.
Max.
Units
Supply (AVDD – AVSS) and (DVDD – DVSS)
3.0
3.6
V
IO Supply (VDDIO – DVSS)
1.6
3.6
V
Operating Temperature
-40
+85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn