Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMX991 Datasheet(PDF) 44 Page - CML Microcircuits

Part No. CMX991
Description  Two-mode demodulator
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CMLMICRO [CML Microcircuits]
Homepage  http://www.cmlmicro.com
Logo 

CMX991 Datasheet(HTML) 44 Page - CML Microcircuits

Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
44
D/991_992/20
Ref Lvl
-9.2 dBm
-9.2 dBm
Ref Lvl
-9.2 dBm
-9.2 dBm
0.8 dB Offset
CF
460 MHz
SR
9.6k
z
Symbol/Errors
Demod
MSK
A
Symbol Table
0
01011000 11101000 01111100 00000001 11010101
40
10110001 11110011 00111111 00110111 11110111
80
10111111 10111011 10010101 11110101 10101011
120
00100111 11110010 00101110 10101000 11011001
160
11010100 11100100 00000000 01111000 01011000
200
01100000 10000101 10100001 01010011 01011010
240
010001
Error Summary
Error Vector Mag
1.52 % rms
4.18 %
Pk at sym
1
Magnitude Error
0.64 % rms
1.37 %
Pk at sym
6
Phase Error
0.79 deg rms
-2.34 deg Pk at sym
1
Freq Error
-4.68
Hz
-4.68
Hz Pk
Amplitude Droop
0.13 dB/sym
Rho Factor
0.9984
IQ Offset
3.69 %
IQ Imbalance
0.06 %
Table 20 Symbol/Error Table for the Tx with 9.6kbps GMSK from an EV9100
7.12
Post I/Q Modulator Filter
Note: This section applies only to the CMX991.
The filters following the I/Q modulation process (see Figure 16) are designed to reduce harmonic content
of the signal. The bandwidth of the filters is selectable using b4, b5 of the Tx Mode register ($15), see
section 6.6.1. Four modes are supported 45MHz, 60MHz, 90MHz and 120MHz; these frequencies do not
specify the cut-off of the filters but are intended as a guide to the IF frequency to be used with each filter.
Note however that other IF frequencies may also be used.
The internal filter responses are shown in Figure 29. In practice the filter responses are slightly modified by
the internal circuits and the response at the TXIFOUT pin is shown in Figure 30.
It is also important to note that the IFH bit (b6, General Control Register $11, see section 6.2.1) has an
effect on th
e response. IFH = ‘0’ is recommended for IF frequencies below 75MHz and IFH = ‘1’ for IF
frequencies above 75MHz. The effect is shown in Figure 31. Note that 90MHz and 120MHz modes are not
recommended with IFH = ‘0’.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn