Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMX991 Datasheet(PDF) 28 Page - CML Microcircuits

Part No. CMX991
Description  Two-mode demodulator
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CMLMICRO [CML Microcircuits]
Homepage  http://www.cmlmicro.com
Logo 

CMX991 Datasheet(HTML) 28 Page - CML Microcircuits

Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
28
D/991_992/20
b5
b4
x
0
I/Q Mode: I and Q channel can be enabled by bits in Rx Control
Register.
0
1
IF Mode: only the I channel output and I channel differential
amplifier can be powered up using the Rx Control Register.
1
1
IF Mode: only the Q channel output and Q channel differential
amplifier can be powered up using the Rx Control Register.
General Control Register b3 and b2
VCO amplifier Negative Resistance (NR) control for optimum phase noise performance. These
bits control the NR (magnitude of the negative transconductance) of the on-chip VCO NR
amplifier. The NR minimum mode would thus be used with the lowest Q external tank circuit and
NR maximum with the highest Q one.
b3
b2
0
0
NR maximum
0
1
NR intermediate value
1
0
NR intermediate value
1
1
NR minimum
6.2.2
General Control Register
C-BUS address $E1
8-bit read-only
This register reads the value in register $11, see section 6.2.1 for details of bit functions.
6.3
Rx Control Register (CMX991/CMX992)
6.3.1
Rx Control Register:
C-BUS address $12
8-bit write-only
This register controls general features of the receiver such as Powersave.
All bits of this register are cleared to ‘0’ by a General Reset command.
Bit:
7
6
5
4
3
2
1
0
Mix Pwr
I/Q Pwr
Amp Pwr
SLI Pwr
LNA
DIV2
DIV1
VBIAS
Rx Control Register b7 - b3 and b0
These bits control power up/power down of the various blocks of the IC.
In all cases ‘1’ = power up, ‘0’ = power down.
b7
Enable receiver 1
st mixer
b6
Enable IF amplifier/VGA stage, I/Q mixers, baseband filters
b5
Enable baseband differential amplifiers
b4
Enable SLI amplifier
b3
Enable LNA control signal (output pin LNAON)
b0
Enable VBIAS (bias voltage on pin 43)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn