Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5284 Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME5284
Description  Rectified Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5284 Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME5284 Datasheet HTML 6Page - Analog Microelectronics AME5284 Datasheet HTML 7Page - Analog Microelectronics AME5284 Datasheet HTML 8Page - Analog Microelectronics AME5284 Datasheet HTML 9Page - Analog Microelectronics AME5284 Datasheet HTML 10Page - Analog Microelectronics AME5284 Datasheet HTML 11Page - Analog Microelectronics AME5284 Datasheet HTML 12Page - Analog Microelectronics AME5284 Datasheet HTML 13Page - Analog Microelectronics AME5284 Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AME
10
AME5284
Rev.A.02
4A, 300KHz ~ 1.4MHz Synchronous
Rectified Step-Down Converter
Efficiency Considerations
Although all dissipative elements in the circuit produce
losses, one major source usually account for most of the
losses in AME5284 circuits:
I2R losses. The I2R loss
dominates the efficiency loss at medium to high load
currents.
The
I2R losses are calculated from the resistances of
the internal switches, R
SW, and external inductor R
L. In
continuous mode, the average output current flowing
through inductor L is "chopped" between the main switch
and the synchronous switch. Thus the series resistance
looking into the SW pin is a function of both top and
bottom MOSFET R
DS(ON) and the duty cycle (D) as fol-
lows:
R
SW = (RDS(ON)TOP)(D) + (RDS(ON)BOTTOM)(1-D)
The R
DS(ON) for both the top and bottom MOSFETs can
be obtained from Electrical Characteristics table. Thus,
to obtained
I2R losses, simply add R
SW to R
L and multi-
ply the result by the square of the average output cur-
rent.
Other losses including C
IN and COUT ESR dissipative
losses and inductor core losses generally account for
less than 2% total additional loss.
Thermal Considerations
In most application the AME5284 does not dissipate
much heat due to its high efficiency. But, in applications
where the AME5284 is running at high ambient tempera-
ture with low supply voltage and high duty cycles, such
as in dropout, the heat dissipated may exceed the maxi-
mum junction temperature of the part. If the junction
temperature reaches approximately 170oC, both power
switches will be turned off and the SW switch will be-
come high impedance.


Similar Part No. - AME5284

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5282 AME-AME5282 Datasheet
496Kb / 21P
   Rectified Step-Down Converter
AME5283 AME-AME5283 Datasheet
491Kb / 20P
   Rectified Step-Down Converter
AME5285 AME-AME5285 Datasheet
175Kb / 16P
   Rectified Step-Down Converter
AME5286 AME-AME5286 Datasheet
546Kb / 20P
   Rectified Step-Down Converter
AME5287 AME-AME5287 Datasheet
497Kb / 20P
   Rectified Step-Down Converter
More results

Similar Description - AME5284

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5285 AME-AME5285 Datasheet
175Kb / 16P
   Rectified Step-Down Converter
AME5286 AME-AME5286 Datasheet
546Kb / 20P
   Rectified Step-Down Converter
AME5283 AME-AME5283 Datasheet
491Kb / 20P
   Rectified Step-Down Converter
AME5287 AME-AME5287 Datasheet
497Kb / 20P
   Rectified Step-Down Converter
AME5282 AME-AME5282 Datasheet
496Kb / 21P
   Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
   Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482_17 Datasheet
233Kb / 5P
   SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484 UTC-P1484_17 Datasheet
254Kb / 5P
   SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
   1.2A Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
   22V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com