Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX983 Datasheet(PDF) 1 Page - CML Microcircuits

Part # CMX983
Description  Programmable Channel Filter
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX983 Datasheet(HTML) 1 Page - CML Microcircuits

  CMX983 Datasheet HTML 1Page - CML Microcircuits CMX983 Datasheet HTML 2Page - CML Microcircuits CMX983 Datasheet HTML 3Page - CML Microcircuits CMX983 Datasheet HTML 4Page - CML Microcircuits CMX983 Datasheet HTML 5Page - CML Microcircuits CMX983 Datasheet HTML 6Page - CML Microcircuits CMX983 Datasheet HTML 7Page - CML Microcircuits CMX983 Datasheet HTML 8Page - CML Microcircuits CMX983 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
CMX983
Analogue Front End (AFE)
for Digital Radio
 2015 CML Microsystems Plc
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
D/983/6 June 2015
Advance Information
Features
 Rx channel
 Two 16-bit
Σ-Δ A/D Converters
 Programmable Channel Filter
 Tx Channel
 Two 14-bit
Σ-Δ D/A Converters
 Programmable Channel Filter
 RF Support
 Two 2.1GHz Fractional-N Synthesisers
 Auxiliary Functions
 10-bit A/D Converter supporting 10 inputs
 Five Analogue Comparators
 10-bit D/A Converters driving 9 outputs
 DSP Interface
 C-BUS Control and Configuration Port
 Fast Serial Interface for Rx/Tx Data
Duplex and Half duplex operation
Direct connection to:
 CMX998 Cartesian Loop Transmitter
 CMX994 Direct Conversion Receiver
Low power operation
 3.3V and 1.8v supplies
Small 64-pin VQFN Package
Applications
Software Defined Radio (SDR)
Satellite Communication
Wireless Data Terminals
Digital PMR/LMR Radio
TETRA
DMR
PDT


Similar Part No. - CMX983

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX980A CMLMICRO-CMX980A Datasheet
117Kb / 1P
   The Product Data Amendment series of documents
CMX981 CMLMICRO-CMX981 Datasheet
115Kb / 1P
   The Product Data Amendment series of documents
CMX989 CMLMICRO-CMX989 Datasheet
445Kb / 31P
   CDPD MAC and Data Pump Processor
CMX989E1 CMLMICRO-CMX989E1 Datasheet
445Kb / 31P
   CDPD MAC and Data Pump Processor
More results

Similar Description - CMX983

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
STMicroelectronics
STLC5046 STMICROELECTRONICS-STLC5046 Datasheet
207Kb / 27P
   PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
Frequency Devices, Inc.
90PF FREQUENCYDEVICES-90PF Datasheet
2Mb / 18P
   Dual Channel Programmable Filter/Amplifier Card
logo
STMicroelectronics
STLC5048 STMICROELECTRONICS-STLC5048 Datasheet
371Kb / 45P
   FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com