Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX2N6845 Datasheet(PDF) 3 Page - International Rectifier

Part # JANTX2N6845
Description  Repetitive Avalanche Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTX2N6845 Datasheet(HTML) 3 Page - International Rectifier

  JANTX2N6845 Datasheet HTML 1Page - International Rectifier JANTX2N6845 Datasheet HTML 2Page - International Rectifier JANTX2N6845 Datasheet HTML 3Page - International Rectifier JANTX2N6845 Datasheet HTML 4Page - International Rectifier JANTX2N6845 Datasheet HTML 5Page - International Rectifier JANTX2N6845 Datasheet HTML 6Page - International Rectifier JANTX2N6845 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
IRFF9120
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics


Similar Part No. - JANTX2N6845

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6845 IRF-JANTX2N6845 Datasheet
232Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A)
More results

Similar Description - JANTX2N6845

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6784 IRF-JANTX2N6784_15 Datasheet
191Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6790 IRF-JANTX2N6790_15 Datasheet
199Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6796 IRF-JANTX2N6796_15 Datasheet
134Kb / 7P
   Repetitive Avalanche Ratings
IRF140 IRF-IRF140_15 Datasheet
147Kb / 7P
   Repetitive Avalanche Ratings
IRF240 IRF-IRF240_15 Datasheet
150Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6768 IRF-JANTX2N6768_15 Datasheet
148Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6758 IRF-JANTX2N6758_15 Datasheet
151Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6764 IRF-JANTX2N6764_15 Datasheet
153Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6800 IRF-JANTX2N6800_15 Datasheet
196Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6847 IRF-JANTX2N6847_15 Datasheet
133Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6851 IRF-JANTX2N6851_15 Datasheet
248Kb / 7P
   Repetitive Avalanche Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com