Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX910 Datasheet(PDF) 1 Page - CML Microcircuits

Part # CMX910
Description  Flexible Signal Channels
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX910 Datasheet(HTML) 1 Page - CML Microcircuits

  CMX910 Datasheet HTML 1Page - CML Microcircuits CMX910 Datasheet HTML 2Page - CML Microcircuits CMX910 Datasheet HTML 3Page - CML Microcircuits CMX910 Datasheet HTML 4Page - CML Microcircuits CMX910 Datasheet HTML 5Page - CML Microcircuits CMX910 Datasheet HTML 6Page - CML Microcircuits CMX910 Datasheet HTML 7Page - CML Microcircuits CMX910 Datasheet HTML 8Page - CML Microcircuits CMX910 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
CMX910
AIS Baseband Processor
© 2009 CML Microsystems Plc
D/910/6 March 2009
Provisional Issue
Features:
• Half-Duplex GM(F)SK, FSK and DSC Capabilities
• I and Q Radio Interface
• Slot/Sample Counter with UTC Timing Interface
• Low-Power (3.0 to 3.6V) Operation
• Optimum Co-channel and Adjacent-channel
Performance
• Low Profile, 64-lead LQFP (L9) and
Leadless VQFN (Q1) Packages
• Flexible Signal Channels
– Two Simultaneous Rx
– One Tx
– Optional FSK Interface
• Auxiliary ADC and DAC Functions
– 5 x (10-bit) DACs
– 5-Input MUX (10-bit) ADC
• AIS Data Formatted and Raw Data Modes
Applications:
• Supports Carrier-Sensing Channel Access
(CSTDMA) Operation
• Automatic Identification System
(AIS) for Marine Safety
• RF Device-Enable Facilities
• Class A or B AIS Transponders
• C-BUS Serial Interface with Expansion Port
• AIS Rx-only Modules
HDLC/
NRZI
decoder
Message
buffers
GMSK/
FSK
decoder
HDLC/
NRZI
encoder
Message
buffer
GMSK/
FSK
encoder
HDLC/
NRZI
decoder
Message
buffers
GMSK/
FSK
decoder
Aux
ADC
Aux
DACs
Device
Enable
Port
FSK
Retiming
(External)
Reset and
Power
Control
Slot and
Sample
Timer
Interrupt
Generator
C-BUS
Interface
C-BUS
Expansion
Port
CMX910
RF
Rx1: I/Q
down-
converter
Tx: I/Q
up-
converter
Rx2: I/Q
down-
converter
Σ−Δ
ADCs
Σ−Δ
ADCs
Σ−Δ
DACs
Radio
Host µC
GNSS
Engine
Other
C-BUS
Devices
Optional
FSK
Demod.
(FX604)
TCXO
1.
Brief Description
A highly integrated Baseband Signalling Processor IC, the CMX910 fulfils the requirements of the class A
and class B marine Automatic Identification System (AIS) transponder market. The CMX910 is half duplex
in operation, comprising two parallel I+Q Rx paths and one Tx path. These are configurable for AIS or
DSC operation. The device performs channel filtering and signal modulation/demodulation with
associated AIS functions, such as training sequence detection, NRZI conversion and HDLC processing
(flags, bit stuffing/de-stuffing, CRC generate/check). An external 1200bps FSK demodulator interface
provides a third parallel decode path for DSC, as required by the class A market. Integrated Rx/Tx data
buffers and a flexible slot/sample timer are also provided, all of which greatly reduce the processing
requirements of the host µC. Provision of a C-BUS expansion port, an RF device enable port and a
number of auxiliary ADCs and DACs further simplifies the system hardware design, reducing the overall
equipment cost and size.


Similar Part No. - CMX910

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX909B CMLMICRO-CMX909B Datasheet
1Mb / 51P
   Full and Short Data Packet Framing
CMX90A702 CMLMICRO-CMX90A702 Datasheet
1Mb / 19P
   CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
2022
CMX90A702QH-R701 CMLMICRO-CMX90A702QH-R701 Datasheet
1Mb / 19P
   CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
2022
CMX90A702QH-R705 CMLMICRO-CMX90A702QH-R705 Datasheet
1Mb / 19P
   CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
2022
CMX90G301 CMLMICRO-CMX90G301 Datasheet
1Mb / 16P
   CMX90G301 1.4 – 7.1GHz Positive Gain-Slope Amplifier 1dB
September 2022
More results

Similar Description - CMX910

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424662 PHOENIX-1424662 Datasheet
90Kb / 4P
   Flexible signal and data cabling
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
   FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
logo
GREEGOO Electric Co.,Lt...
GCM-5A10N32 GREEGOO-GCM-5A10N32 Datasheet
576Kb / 3P
   GCM-5A10N32 ( 3 channels NO & 2 channels NC )
logo
ON Semiconductor
NCP6915 ONSEMI-NCP6915 Datasheet
325Kb / 24P
   6 Channels PMIC
August, 2014 ??Rev. 3
logo
Purdy Electronics Corpo...
OPTO-232C PURDY-OPTO-232C Datasheet
579Kb / 1P
   4 Channels Modems
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
LinkCom Manufacturing C...
45W-MB4N LINKCOM-45W-MB4N Datasheet
347Kb / 2P
   45W Multiple Channels
logo
Keysight Technologies
M8048A KEYSIGHT-M8048A Datasheet
1Mb / 7P
   M8048A ISI Channels
logo
Schneider Electric
NY320N2RB1 SCHNEIDER-NY320N2RB1 Datasheet
84Kb / 2P
   Intrinsically processing module 2 input channels and 2 recopying channels
NY340N4RB1 SCHNEIDER-NY340N4RB1 Datasheet
96Kb / 1P
   Intrinsically processing module 4 input channels and 4 recopying channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com