Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX885 Datasheet(PDF) 11 Page - CML Microcircuits

Part # CMX885
Description  Programmable Voice Scrambler
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX885 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button CMX885 Datasheet HTML 7Page - CML Microcircuits CMX885 Datasheet HTML 8Page - CML Microcircuits CMX885 Datasheet HTML 9Page - CML Microcircuits CMX885 Datasheet HTML 10Page - CML Microcircuits CMX885 Datasheet HTML 11Page - CML Microcircuits CMX885 Datasheet HTML 12Page - CML Microcircuits CMX885 Datasheet HTML 13Page - CML Microcircuits CMX885 Datasheet HTML 14Page - CML Microcircuits CMX885 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
Marine VHF Audio and Signalling Processor
CMX885
©
CML Microsystems Plc
11
2010
D/885/3
Notes:
1.
X1 can be a crystal or an external clock generator; this will depend on the application. The tracks
between the crystal and the device pins should be as short as possible to achieve maximum stability
and best start up performance. By default, a 3.6864MHz clock is selected, other values could be
used if the various internal clock dividers are set to appropriate values.
2.
R5 should be selected to provide the desired dc gain (assuming C11 is not present) of the DISCN
input, as follows:
⏐GAINDISCN⏐ = 100kΩ / R5
The gain should be such that the resultant output at the DISCFB pin is within the input signal range
specified in 7.13.2.
3.
R7 should be selected to provide the desired dc gain (assuming C13 is not present) of the ALTN
input as follows:
⏐GAINALTN⏐ = 100kΩ / R7
The gain should be such that the resultant output at the ALTFB pin is within the input signal range
specified in 7.13.
4.
R9 should be selected to provide the desired dc gain (assuming C15 is not present) of the MICN
input as follows:
⏐GAINMICN⏐ = 100kΩ / R9
The gain should be such that the resultant output at the MICFB pin is within the input signal range
specified in 7.13.1. For optimum performance with low signal microphones, an additional external
gain stage may be required.
5.
C11, C13 and C15 should be selected to maintain the lower frequency roll-off of the MICN, ALTN
and DISCN inputs as follows:
C11
≥ 100nF × ⏐GAINDISCN
C13
≥ 100nF × ⏐GAINALTN
C15
≥ 30nF × ⏐GAINMICN
6.
ALTN and ALTFB connections allow the user to have an additional signal input. Component
connections and values are as for the respective DISCN and MICN networks. If this input is not
required, the ALTN pin should be connected to AVss.
7.
C5 (AUDIO output) should be increased to 1.0µF if frequencies below 300Hz need to be used on
this pin.
8.
A single 10µF electrolytic capacitor (C24, fitted as shown) may be used for smoothing the power
supply to both VDEC pins, providing they are connected together on the pcb with an adequate width
power supply trace. Alternatively, separate smoothing capacitors should be connected to each
VDEC pin. High frequency decoupling capacitors (C3 and C23) must always be fitted as close as
possible to both VDEC pins.


Similar Part No. - CMX885

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX881 CMLMICRO-CMX881 Datasheet
109Kb / 1P
   The Product Data Amendment series of documents
CMX882 CMLMICRO-CMX882 Datasheet
110Kb / 1P
   The Product Data Amendment series of documents
CMX883 CMLMICRO-CMX883 Datasheet
109Kb / 1P
   The Product Data Amendment series of documents
More results

Similar Description - CMX885

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX148 CMLMICRO-CMX148 Datasheet
1Mb / 75P
   Programmable Voice Scrambler
logo
NXP Semiconductors
PCD4440T PHILIPS-PCD4440T Datasheet
105Kb / 20P
   Analog voice scrambler/descrambler
1996 Dec 20
logo
CML Microcircuits
CMX138A CMLMICRO-CMX138A Datasheet
3Mb / 73P
   Programmable Audio Scrambler
logo
Silicon Laboratories
SI3019-F-FSR SILABS-SI3019-F-FSR Datasheet
905Kb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3011 SILABS-SI3011 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Agilent(Hewlett-Packard...
N7785B HP-N7785B Datasheet
116Kb / 4P
   Synchronous Scrambler
logo
CML Microcircuits
FX214 CMLMICRO-FX214 Datasheet
7Mb / 10P
   VSB Audio Scrambler
logo
Cypress Semiconductor
CY7C9235 CYPRESS-CY7C9235_02 Datasheet
117Kb / 8P
   SMPTE-259M/DVB-ASI Scrambler/Controller
logo
List of Unclassifed Man...
COM9046 ETC1-COM9046 Datasheet
160Kb / 4P
   Single Side Band Speech Scrambler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com